Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC-4P-MSS Datasheet (PDF) - PHOENIX CONTACT

SAC-4P-MSS Datasheet PDF - PHOENIX CONTACT
Part # SAC-4P-MSS
Download  SAC-4P-MSS Download
File Size   131.76 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: AC connectors for up to 12 A and 630 V AC

SAC-4P-MSS Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC-4P-MSS Datasheet PDF - PHOENIX CONTACT

Part # SAC-4P-MSS
Download  SAC-4P-MSS Click to download

File Size   131.76 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: AC connectors for up to 12 A and 630 V AC

SAC-4P-MSS Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - SAC-4P-MSS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SAC-4P-M12MST PHOENIX-SAC-4P-M12MST Datasheet
124Kb / 5P
Easy and safe: 100% electrically tested plug-in components
More results


Similar Description - SAC-4P-MSS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414893 PHOENIX-1414893 Datasheet
114Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1424624 PHOENIX-1424624 Datasheet
116Kb / 5P
High-performance: DC connectors for up to 12 A and 63 V DC
1424617 PHOENIX-1424617 Datasheet
103Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1424613 PHOENIX-1424613 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 12 A and 63 V DC
1424612 PHOENIX-1424612 Datasheet
103Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1424596 PHOENIX-1424596 Datasheet
103Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425016 PHOENIX-1425016 Datasheet
127Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1425021 PHOENIX-1425021 Datasheet
116Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425024 PHOENIX-1425024 Datasheet
115Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425072 PHOENIX-1425072 Datasheet
118Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com