Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU326A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BU326A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BU326A
Download  BU326A Download
File Size   133.64 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistor

BU326A Datasheet (PDF)

Go To PDF Page Download Datasheet
BU326A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BU326A
Download  BU326A Click to download

File Size   133.64 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistor

BU326A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BU326A Product details

DESCRIPTION
• Collector-Emitter Sustaining Voltage-
   : VCEO(SUS) = 400V(Min)
• Low Collector-Emitter Saturation Voltage-
   : VCE(sat)= 1.5V(Max.) @ IC= 2.5A

APPLICATIONS
• Designed for use in operating in color TV receivers chopper supplies.




Similar Part No. - BU326A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU326A MOSPEC-BU326A Datasheet
123Kb / 3P
POWER TRANSISTORS(6A,375-400V,75W)
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
62Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Dec-2000
logo
Wing Shing Computer Com...
BU326A WINGS-BU326A Datasheet
21Kb / 1P
NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
BU326A BOCA-BU326A Datasheet
129Kb / 3P
HIGH VOLTAGE POWER TRANSISTORS
More results


Similar Description - BU326A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com