Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU406D Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BU406D Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BU406D
Download  BU406D Download
File Size   132.23 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistor

BU406D Datasheet (PDF)

Go To PDF Page Download Datasheet
BU406D Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BU406D
Download  BU406D Click to download

File Size   132.23 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistor

BU406D Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BU406D Product details

DESCRIPTION
• High Voltage: VCEV= 400V(Min)
• Fast Switching Speed-
    : tf= 750μs(Max)
• Low Saturation Voltage-
    : VCE(sat)= 1.0V(Max)@ IC= 5A

APPLICATIONS
• Designed for use in horizontal deflection output stages
    of TV’s and CRT’s




Similar Part No. - BU406D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU406D MOSPEC-BU406D Datasheet
107Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
logo
Wing Shing Computer Com...
BU406D WINGS-BU406D Datasheet
22Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)
logo
Boca Semiconductor Corp...
BU406D BOCA-BU406D Datasheet
113Kb / 3P
NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BU406D ISC-BU406D Datasheet
67Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BU406D SAVANTIC-BU406D Datasheet
96Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BU406D

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com