Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWS5533 Datasheet (PDF) - ANADIGICS, Inc

AWS5533 Datasheet PDF - ANADIGICS, Inc
Part # AWS5533
Download  AWS5533 Download
File Size   219.53 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 0.5 to 2.5 GHz SP3T SWITCH

AWS5533 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWS5533 Datasheet PDF - ANADIGICS, Inc

Part # AWS5533
Download  AWS5533 Click to download

File Size   219.53 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 0.5 to 2.5 GHz SP3T SWITCH

AWS5533 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWS5533

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
0.5 to 2.5 GHz 10 W SPDT Switch
Rev 1.3
AWS5532RS26Q1 ANADIGICS-AWS5532RS26Q1 Datasheet
321Kb / 12P
0.5 to 2.5 GHz 10 W SPDT Switch
Rev 1.3
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
High Linearity SP3T
Rev 2.0
AWS5534S26 ANADIGICS-AWS5534S26 Datasheet
204Kb / 12P
High Linearity SP3T
Rev 2.0
More results


Similar Description - AWS5533

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5522 ANADIGICS-AWS5522 Datasheet
193Kb / 12P
0.5 to 2.5 GHz SPDT Switch
Rev 10.1
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
0.5 to 2.5 GHz SP3T Switch
Rev 0.2
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
0.5 to 2.5 GHz SP4T Switch
Rev 0.1
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
0.5 to 2.5 GHz 10 W SPDT Switch
Rev 1.3
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS534_V1 HW-HWS534_V1 Datasheet
88Kb / 3P
GaAs 0.5-3.0 GHz SP3T Switch
HWS520_V1 HW-HWS520_V1 Datasheet
61Kb / 3P
GaAs 0.5-6.0 GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKY13586-678LF SKYWORKS-SKY13586-678LF Datasheet
426Kb / 8P
2.4 to 2.5 GHz SP3T Switch
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com