Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWS5532R Datasheet (PDF) - ANADIGICS, Inc

AWS5532R Datasheet PDF - ANADIGICS, Inc
Part # AWS5532R
Download  AWS5532R Download
File Size   321.66 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 0.5 to 2.5 GHz 10 W SPDT Switch

AWS5532R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWS5532R Datasheet PDF - ANADIGICS, Inc

Part # AWS5532R
Download  AWS5532R Click to download

File Size   321.66 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 0.5 to 2.5 GHz 10 W SPDT Switch

AWS5532R Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWS5532R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
0.5 to 2.5 GHz SP3T SWITCH
Rev 2.0
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
High Linearity SP3T
Rev 2.0
AWS5534S26 ANADIGICS-AWS5534S26 Datasheet
204Kb / 12P
High Linearity SP3T
Rev 2.0
More results


Similar Description - AWS5532R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
0.5 to 2.5 GHz SP3T SWITCH
Rev 2.0
AWS5522 ANADIGICS-AWS5522 Datasheet
193Kb / 12P
0.5 to 2.5 GHz SPDT Switch
Rev 10.1
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
0.5 to 2.5 GHz SP4T Switch
Rev 0.1
logo
Tyco Electronics
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Skyworks Solutions Inc.
SKY13290-313LF SKYWORKS-SKY13290-313LF Datasheet
220Kb / 6P
PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
California Eastern Labs
UPG2415TK CEL-UPG2415TK Datasheet
543Kb / 11P
0.5 to 6.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
California Eastern Labs
UPG2415TK CEL-UPG2415TK_09 Datasheet
543Kb / 11P
0.5 to 6.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2415TK RENESAS-PG2415TK Datasheet
238Kb / 14P
0.5 to 6.0 GHz SPDT SWITCH
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com