Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3070321 Datasheet (PDF) - PHOENIX CONTACT

3070321 Datasheet PDF - PHOENIX CONTACT
Part # 3070321
Download  3070321 Download
File Size   53.64 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 2, color: orange

3070321 Datasheet (PDF)

Go To PDF Page Download Datasheet
3070321 Datasheet PDF - PHOENIX CONTACT

Part # 3070321
Download  3070321 Click to download

File Size   53.64 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 2, color: orange

3070321 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 3070321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3070322 PHOENIX-3070322 Datasheet
53Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 3, color: orange
3070323 PHOENIX-3070323 Datasheet
54Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 4, color: orange
3070325 PHOENIX-3070325 Datasheet
167Kb / 17P
Feed-through terminal block - USSTD 6
3070326 PHOENIX-3070326 Datasheet
228Kb / 5P
PSBJ 6-T YE - Test plug strip
3070327 PHOENIX-3070327 Datasheet
227Kb / 5P
PSBJ 6-T GN - Test plug strip
More results


Similar Description - 3070321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201469 PHOENIX-0201469 Datasheet
42Kb / 2P
Fixed bridge, Number of positions: 3, Color: silver
0201472 PHOENIX-0201472 Datasheet
43Kb / 2P
Fixed bridge, Number of positions: 100, Color: silver
0201524 PHOENIX-0201524 Datasheet
58Kb / 2P
Fixed bridge, Number of positions: 100, Color: aluminum
0201650 PHOENIX-0201650 Datasheet
42Kb / 2P
Fixed bridge, Number of positions: 100, Color: silver
1714765 PHOENIX-1714765 Datasheet
64Kb / 2P
PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin
3070322 PHOENIX-3070322 Datasheet
53Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 3, color: orange
3070323 PHOENIX-3070323 Datasheet
54Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 4, color: orange
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
Connector housing, Number of positions: 1, Color: gray
3213254 PHOENIX-3213254 Datasheet
49Kb / 2P
Reducing bridge, pitch: 10 mm, length: 37.2 mm, width: 16.1 mm, number of positions: 2, color: red
2896283 PHOENIX-2896283 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com