Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201472 Datasheet (PDF) - PHOENIX CONTACT

0201472 Datasheet PDF - PHOENIX CONTACT
Part # 0201472
Download  0201472 Download
File Size   43.12 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fixed bridge, Number of positions: 100, Color: silver

0201472 Datasheet (PDF)

Go To PDF Page Download Datasheet
0201472 Datasheet PDF - PHOENIX CONTACT

Part # 0201472
Download  0201472 Click to download

File Size   43.12 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fixed bridge, Number of positions: 100, Color: silver

0201472 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 0201472

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020147MR SUYIN-USA-020147MR Datasheet
123Kb / 1P
USB-A TYPE 8 PIN DUAL PORT
More results


Similar Description - 0201472

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201469 PHOENIX-0201469 Datasheet
42Kb / 2P
Fixed bridge, Number of positions: 3, Color: silver
0201524 PHOENIX-0201524 Datasheet
58Kb / 2P
Fixed bridge, Number of positions: 100, Color: aluminum
0201650 PHOENIX-0201650 Datasheet
42Kb / 2P
Fixed bridge, Number of positions: 100, Color: silver
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
1714765 PHOENIX-1714765 Datasheet
64Kb / 2P
PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin
3070321 PHOENIX-3070321 Datasheet
53Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 2, color: orange
3070322 PHOENIX-3070322 Datasheet
53Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 3, color: orange
3070323 PHOENIX-3070323 Datasheet
54Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 4, color: orange
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
Connector housing, Number of positions: 1, Color: gray
3213254 PHOENIX-3213254 Datasheet
49Kb / 2P
Reducing bridge, pitch: 10 mm, length: 37.2 mm, width: 16.1 mm, number of positions: 2, color: red
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com