Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201524 Datasheet (PDF) - PHOENIX CONTACT

0201524 Datasheet PDF - PHOENIX CONTACT
Part # 0201524
Download  0201524 Download
File Size   58.39 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fixed bridge, Number of positions: 100, Color: aluminum

0201524 Datasheet (PDF)

Go To PDF Page Download Datasheet
0201524 Datasheet PDF - PHOENIX CONTACT

Part # 0201524
Download  0201524 Click to download

File Size   58.39 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fixed bridge, Number of positions: 100, Color: aluminum

0201524 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 0201524

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
02015-DSH-001-G MA-COM-02015-DSH-001-G Datasheet
382Kb / 21P
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon
logo
SUYIN USA, INC.
020151MR004S507ZU SUYIN-USA-020151MR004S507ZU Datasheet
65Kb / 1P
VERTICAL USB DIP TYPE
logo
PHOENIX CONTACT
0201595 PHOENIX-0201595 Datasheet
45Kb / 2P
Cross connection rail, for fixed bridging of identical inputs and outputs, made of Cu, nickel-plated, 1 m long
logo
AVX Corporation
02015A102BAT2A AVX-02015A102BAT2A Datasheet
2Mb / 99P
Ceramic Chip Capacitors
More results


Similar Description - 0201524

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201469 PHOENIX-0201469 Datasheet
42Kb / 2P
Fixed bridge, Number of positions: 3, Color: silver
0201472 PHOENIX-0201472 Datasheet
43Kb / 2P
Fixed bridge, Number of positions: 100, Color: silver
0201650 PHOENIX-0201650 Datasheet
42Kb / 2P
Fixed bridge, Number of positions: 100, Color: silver
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
1714765 PHOENIX-1714765 Datasheet
64Kb / 2P
PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin
3070321 PHOENIX-3070321 Datasheet
53Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 2, color: orange
3070322 PHOENIX-3070322 Datasheet
53Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 3, color: orange
3070323 PHOENIX-3070323 Datasheet
54Kb / 2P
Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 4, color: orange
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
Connector housing, Number of positions: 1, Color: gray
3213254 PHOENIX-3213254 Datasheet
49Kb / 2P
Reducing bridge, pitch: 10 mm, length: 37.2 mm, width: 16.1 mm, number of positions: 2, color: red
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com