Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3622 Datasheet (PDF) - NEC

2SC3622 Datasheet PDF - NEC
Part # 2SC3622
Download  2SC3622 Download
File Size   300.67 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching

2SC3622 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3622 Datasheet PDF - NEC

Part # 2SC3622
Download  2SC3622 Click to download

File Size   300.67 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching

2SC3622 Datasheet (HTML) - NEC


2SC3622 Product details

NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW–FREQUENCY POWER AMPLIFIERS AND SWITCHING

FEATURES
• High hFE:
   hFE = 1000 to 3200 @VCE = 5.0 V, IC = 1.0 mA
• Low VCE(sat):
   VCE(sat) = 0.07 V TYP. @IC/IB = 50 mA/5.0 mA
• High VEBO:
   VEBO: 12 V (2SC3622)
   VEBO: 15 V (2SC3622A)




Similar Part No. - 2SC3622

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC3622 RENESAS-2SC3622 Datasheet
238Kb / 8P
SILICON TRANSISTORS
2002
More results


Similar Description - 2SC3622

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3624 NEC-2SC3624 Datasheet
222Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4173 NEC-2SC4173 Datasheet
238Kb / 4P
HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR
2SC4177 NEC-2SC4177 Datasheet
256Kb / 4P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4180 NEC-2SC4180 Datasheet
197Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4181 NEC-2SC4181 Datasheet
211Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SD2228 NEC-2SD2228 Datasheet
279Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
2SD2582 NEC-2SD2582 Datasheet
46Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
logo
Unisonic Technologies
UTC2SC945 UTC-UTC2SC945 Datasheet
58Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
logo
List of Unclassifed Man...
2SD1289 ETC-2SD1289 Datasheet
29Kb / 1P
PNP SILICON EPITAXIAL/NPN SILICON TRIPLE DIFFUSED TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
NEC
2SC2958 NEC-2SC2958 Datasheet
168Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Power Amplifier
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com