Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3622 Datasheet (PDF) - Renesas Technology Corp

2SC3622 Datasheet PDF - Renesas Technology Corp
Part # 2SC3622
Download  2SC3622 Download
File Size   238.57 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTORS

2SC3622 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3622 Datasheet PDF - Renesas Technology Corp

Part # 2SC3622
Download  2SC3622 Click to download

File Size   238.57 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTORS

2SC3622 Datasheet (HTML) - Renesas Technology Corp


2SC3622 Product details

NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW–FREQUENCY POWER AMPLIFIERS AND SWITCHING

FEATURES
• High hFE:
hFE = 1000 to 3200 @VCE = 5.0 V, IC = 1.0 mA
• Low VCE(sat):
VCE(sat) = 0.07 V TYP. @IC/IB = 50 mA/5.0 mA
• High VEBO:
VEBO: 12 V (2SC3622)
VEBO: 15 V (2SC3622A)




Similar Part No. - 2SC3622

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3622 NEC-2SC3622 Datasheet
300Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
2SC3622A NEC-2SC3622A Datasheet
300Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
More results


Similar Description - 2SC3622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4424 ETC-2N4424 Datasheet
94Kb / 3P
SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3402 NJSEMI-2N3402 Datasheet
149Kb / 1P
SILICON TRANSISTORS
2N3854 NJSEMI-2N3854 Datasheet
137Kb / 1P
SILICON TRANSISTORS
2N4424 NJSEMI-2N4424 Datasheet
121Kb / 1P
SILICON TRANSISTORS
2N5307 NJSEMI-2N5307 Datasheet
132Kb / 1P
SILICON TRANSISTORS
2N5777 NJSEMI-2N5777 Datasheet
134Kb / 2P
SILICON TRANSISTORS
GES5814 NJSEMI-GES5814 Datasheet
156Kb / 2P
Silicon Transistors
GES5401 NJSEMI-GES5401 Datasheet
117Kb / 2P
Silicon Transistors
logo
Renesas Technology Corp
2SC3623 RENESAS-2SC3623 Datasheet
271Kb / 6P
SILICON TRANSISTORS
2002
2SD1616 RENESAS-2SD1616 Datasheet
235Kb / 6P
SILICON TRANSISTORS
2002
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com