Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2141Q Datasheet (PDF) - Monolithic Power Systems

MP2141Q Datasheet PDF - Monolithic Power Systems
Part # MP2141Q
Download  MP2141Q Download
File Size   1415.51 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, Synchronous Step-Down Converter with VSEL Pin

MP2141Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2141Q Datasheet PDF - Monolithic Power Systems

Part # MP2141Q
Download  MP2141Q Click to download

File Size   1415.51 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, Synchronous Step-Down Converter with VSEL Pin

MP2141Q Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - MP2141Q

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141NGTF MPS-MP2141NGTF Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
MP2141NGTF-15 MPS-MP2141NGTF-15 Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141NGTF-18 MPS-MP2141NGTF-18 Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
More results


Similar Description - MP2141Q

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
1.5A Step-Down Converter
logo
Exar Corporation
XRP6657 EXAR-XRP6657 Datasheet
1Mb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
Richtek Technology Corp...
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP2113 MPS-MP2113 Datasheet
400Kb / 13P
1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
1.4MHz, 1.5A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com