Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4032 Datasheet (PDF) - List of Unclassifed Manufacturers

K4032 Datasheet PDF - List of Unclassifed Manufacturers
Part # K4032
Download  K4032 Download
File Size   122.49 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Vestigial Sideband Filter (IF= 38,0 MHz, standard D, full transmission )

K4032 Datasheet (PDF)

Go To PDF Page Download Datasheet
K4032 Datasheet PDF - List of Unclassifed Manufacturers

Part # K4032
Download  K4032 Click to download

File Size   122.49 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Vestigial Sideband Filter (IF= 38,0 MHz, standard D, full transmission )

K4032 Datasheet (HTML) - List of Unclassifed Manufacturers


K4032 Product details

Vestigial Sideband Filter

(IF= 38,0 MHz, standard D, full transmission )

Pin configuration
1 - Input - ground
2 - Input
3 - Chip carrier - ground
4 – Output - ground
5 - Output




Similar Part No. - K4032

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K4000 LEIDITECH-K4000 Datasheet
644Kb / 6P
High voltage lamp ignitors
logo
List of Unclassifed Man...
K4000001 ETC2-K4000001 Datasheet
534Kb / 14P
Ultrasonic Sonar Ranging IC
K4000002 ETC2-K4000002 Datasheet
534Kb / 14P
Ultrasonic Sonar Ranging IC
K4000003 ETC2-K4000003 Datasheet
534Kb / 14P
Ultrasonic Sonar Ranging IC
K4000004 ETC2-K4000004 Datasheet
534Kb / 14P
Ultrasonic Sonar Ranging IC
More results


Similar Description - K4032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2011 ETC-K2011 Datasheet
130Kb / 2P
IF filter for intercarrier application (IF= 38.0 MHz. standard B/G-CCIR, D/K-OIRT)
logo
EPCOS
B3856 EPCOS-B3856 Datasheet
61Kb / 5P
Vestigial Sideband Filter SAW Components
B3872 EPCOS-B3872 Datasheet
62Kb / 5P
SAW Components Vestigial Sideband Filter 38,90 MHz
M4952M EPCOS-M4952M Datasheet
88Kb / 6P
Vestigial Sideband Filter
logo
Oscilent Corporation
820-IF120.0M-C OSCILENT-820-IF120.0M-C Datasheet
270Kb / 2P
120.0 MHz IF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0612A TAI-SAW-TB0612A Datasheet
321Kb / 4P
IF SAW Filter 38.9 MHz
TB0797A TAI-SAW-TB0797A Datasheet
356Kb / 5P
IF SAW Filter 36.17 MHz
logo
Oscilent Corporation
815-IF43.5M-C OSCILENT-815-IF43.5M-C_14 Datasheet
136Kb / 4P
43.5 MHz IF SAW Filter
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
IF SAW Filter 380 MHz
logo
Transko Electronics, In...
TF-011001-SE0 TRANSKO-TF-011001-SE0 Datasheet
500Kb / 3P
110.00 MHz IF SAW Filter
Revision 0: Oct. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com