Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3872 Datasheet (PDF) - EPCOS

B3872 Datasheet PDF - EPCOS
Part # B3872
Download  B3872 Download
File Size   62.96 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Vestigial Sideband Filter 38,90 MHz

B3872 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3872 Datasheet PDF - EPCOS

Part # B3872
Download  B3872 Click to download

File Size   62.96 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Vestigial Sideband Filter 38,90 MHz

B3872 Datasheet (HTML) - EPCOS




Similar Part No. - B3872

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3873 EPCOS-B3873 Datasheet
66Kb / 6P
SAW Components Low-Loss Filter 240,0 MHz
B3874 EPCOS-B3874 Datasheet
79Kb / 7P
SAW Components Low-Loss Filter 71,1 MHz
B3876 EPCOS-B3876 Datasheet
71Kb / 7P
SAW Components Low-Loss Filter 174,20 MHz
More results


Similar Description - B3872

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K4032 ETC-K4032 Datasheet
122Kb / 2P
Vestigial Sideband Filter (IF= 38,0 MHz, standard D, full transmission )
logo
EPCOS
B3856 EPCOS-B3856 Datasheet
61Kb / 5P
Vestigial Sideband Filter SAW Components
B3714 EPCOS-B3714 Datasheet
51Kb / 6P
SAW Components SAW filter 314.35 MHz
B3716 EPCOS-B3716 Datasheet
60Kb / 6P
SAW Components SAW filter 869,0 MHz
B3717 EPCOS-B3717 Datasheet
51Kb / 7P
SAW Components SAW filter 866.50 MHz
B3731 EPCOS-B3731 Datasheet
95Kb / 10P
SAW Components SAW filter 315.00 MHz
B3861 EPCOS-B3861 Datasheet
76Kb / 6P
SAW Components Bandpass Filter 250,0 MHz
B3898 EPCOS-B3898 Datasheet
55Kb / 7P
SAW Components SAW IF filter 172.80 MHz
B4070 EPCOS-B4070 Datasheet
85Kb / 8P
SAW Components SAW filter 810.00 MHz
M4952M EPCOS-M4952M Datasheet
88Kb / 6P
Vestigial Sideband Filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com