Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3856 Datasheet (PDF) - EPCOS

B3856 Datasheet PDF - EPCOS
Part # B3856
Download  B3856 Download
File Size   61.21 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Vestigial Sideband Filter SAW Components

B3856 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3856 Datasheet PDF - EPCOS

Part # B3856
Download  B3856 Click to download

File Size   61.21 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Vestigial Sideband Filter SAW Components

B3856 Datasheet (HTML) - EPCOS


B3856 Product details

Features
● Vestigial sideband filter with sound
● Group delay predistortion
● Hermetically sealed ceramic package




Similar Part No. - B3856

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3850 EPCOS-B3850 Datasheet
64Kb / 6P
SAW Components Low-Loss Filter 125,00 MHz
B3851 EPCOS-B3851 Datasheet
102Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,50 MHz
B3852 EPCOS-B3852 Datasheet
56Kb / 6P
SAW Components Low-Loss Filter 1047,65 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3855 EPCOS-B3855 Datasheet
71Kb / 5P
SAW Components Low-Loss Filter 169,00 MHz
More results


Similar Description - B3856

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K4032 ETC-K4032 Datasheet
122Kb / 2P
Vestigial Sideband Filter (IF= 38,0 MHz, standard D, full transmission )
logo
EPCOS
B3872 EPCOS-B3872 Datasheet
62Kb / 5P
SAW Components Vestigial Sideband Filter 38,90 MHz
M4952M EPCOS-M4952M Datasheet
88Kb / 6P
Vestigial Sideband Filter
logo
TDK Electronics
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
SAW Components SAW filter
B39242B3912U410 TDK-B39242B3912U410 Datasheet
97Kb / 9P
SAW Components SAW filter
B39311B3713U410 TDK-B39311B3713U410 Datasheet
86Kb / 8P
SAW Components SAW filter
B39321B3719H110 TDK-B39321B3719H110 Datasheet
98Kb / 9P
SAW Components SAW filter
B39321B3741H110 TDK-B39321B3741H110 Datasheet
112Kb / 10P
SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
SAW Components SAW filter
B39431B3748H110 TDK-B39431B3748H110 Datasheet
114Kb / 10P
SAW Components SAW filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com