Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4KE6.8A-C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

P4KE6.8A-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # P4KE6.8A-C
Download  P4KE6.8A-C Download
File Size   334.28 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 400 Peak Power

P4KE6.8A-C Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE6.8A-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # P4KE6.8A-C
Download  P4KE6.8A-C Click to download

File Size   334.28 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 400 Peak Power

P4KE6.8A-C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


P4KE6.8A-C Product details

FEATURES
* 400 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 A above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension




Similar Part No. - P4KE6.8A-C

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
P4KE6.8A-AT YAGEO-P4KE6.8A-AT Datasheet
460Kb / 8P
Transient Voltage Suppressors
Jun. 30, 2023 V.3
logo
Littelfuse
P4KE6.8A-B LITTELFUSE-P4KE6.8A-B Datasheet
145Kb / 5P
Transient Voltage Suppression Diodes
logo
Vishay Siliconix
P4KE6.8A-E3/54 VISHAY-P4KE6.8A-E3/54 Datasheet
107Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
P4KE6.8A-E3/54 VISHAY-P4KE6.8A-E3/54 Datasheet
81Kb / 6P
TRANSZORB® Transient Voltage Suppressors
16-Sep-2021
logo
Comchip Technology
P4KE6.8A-G COMCHIP-P4KE6.8A-G Datasheet
131Kb / 6P
400W Transient Voltage Suppressor
More results


Similar Description - P4KE6.8A-C

ManufacturerPart #DatasheetDescription
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
PEAK PULSE POWER : 400 W (10/1000ms)
Feb-2003
logo
ON Semiconductor
NSA5.0AFT3G ONSEMI-NSA5.0AFT3G Datasheet
101Kb / 4P
400 Watt Peak Power Zener Transient Voltage
September, 2011 ??Rev. 0
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4KE DGNJDZ-P4KE Datasheet
349Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
AiT Semiconductor Inc.
SMAJ100A AITSEMI-SMAJ100A Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ110 AITSEMI-SMAJ110 Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ5.0 AITSEMI-SMAJ5.0 Datasheet
322Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Guangdong Youtai Semico...
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com