Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5280EVS Datasheet (PDF) - Integrated Device Technology

F5280EVS Datasheet PDF - Integrated Device Technology
Part # F5280EVS
Download  F5280EVS Download
File Size   54.99 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Transmit/Receive Half Duplex IC

F5280EVS Datasheet (PDF)

Go To PDF Page Download Datasheet
F5280EVS Datasheet PDF - Integrated Device Technology

Part # F5280EVS
Download  F5280EVS Click to download

File Size   54.99 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Transmit/Receive Half Duplex IC

F5280EVS Datasheet (HTML) - Integrated Device Technology




Similar Part No. - F5280EVS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F5280EVS RENESAS-F5280EVS Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
More results


Similar Description - F5280EVS

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
ATMEL Corporation
T0980 ATMEL-T0980 Datasheet
264Kb / 8P
SiGe Transmit/ Receive Frontend IC
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
F5288 RENESAS-F5288 Datasheet
234Kb / 3P
Transmit/Receive Half Duplex IC 26.5GHz to 29.5GHz
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com