Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM534001E Datasheet (PDF) - OKI electronic componets

MSM534001E Datasheet PDF - OKI electronic componets
Part # MSM534001E
Download  MSM534001E Download
File Size   66.81 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit MASKROM

MSM534001E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM534001E Datasheet PDF - OKI electronic componets

Part # MSM534001E
Download  MSM534001E Click to download

File Size   66.81 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit MASKROM

MSM534001E Datasheet (HTML) - OKI electronic componets


MSM534001E Product details

DESCRIPTION
The OKI MSM534001E is a high-speed silicon gate CMOS Mask ROM with 524,288-word x 8-bit capacity. The MSM534001E operates on a single 5.0V power supply and is TTL compatible. The chips asynchronous I/O requires no external clock assuring easy operation. A power-down mode provides low power dissipation when the chip is not selected. The CE and OE pins are provided as control signals that permit three-stated output allowing easy memory expansion on a system bus. The MSM534001E is suited for use as large capacity fixed memory for microcomputers and data terminals.

FEATURES
    Single 5.0V power supply
    524,288-words x 8-bit
    Access time
        80ns MAX
    Input/Output TTL compatible
    Tri-State output configurations
    Internal powerdown function
    Packages:
        32-PIN PLASTIC DIP (DIP32-P-600-2.54)
        32-PIN PLASTIC SOP (SOP32-P-525-1.27-K)
        32-PIN PLASTIC TSOP (TSOP32-P-814-0.50-K)
    4MEPROM (32-PIN) pin compatible




Similar Part No. - MSM534001E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
More results


Similar Description - MSM534001E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM531632E OKI-MSM531632E Datasheet
102Kb / 9P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MSM533202E OKI-MSM533202E Datasheet
97Kb / 8P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM533222E OKI-MSM533222E Datasheet
97Kb / 8P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM533232E OKI-MSM533232E Datasheet
101Kb / 9P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com