Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM534032E Datasheet (PDF) - OKI electronic componets

MSM534032E Datasheet PDF - OKI electronic componets
Part # MSM534032E
Download  MSM534032E Download
File Size   74.86 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM

MSM534032E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM534032E Datasheet PDF - OKI electronic componets

Part # MSM534032E
Download  MSM534032E Click to download

File Size   74.86 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM

MSM534032E Datasheet (HTML) - OKI electronic componets


MSM534032E Product details

DESCRIPTION
The OKI MSM534032E is a high-speed CMOS Mask ROM that can electrically switch between 262,144-word x 16-bit and 524,288-word x 8-bit configurations. The MSM534032E operates on a single 3.0V or 3.3V power supply but offers the same fast access times as products operating at 5.0V. The MSM534032Es applied byte system and pin compatibility with UV erasable EPROMs make it ideally suited as large capacity read-only memory for portable microcomputers and data terminal equipment. Optional products with 2.7V~5.5V operating parameters are also available.

FEATURES
    3.0V or 3.3V single power supply
    262,144-words x 16-bit/524,288-words x 8-bit
    Access time–current consumption
    150ns–15mA (3.0V±0.3V operation)
    120ns–20mA (3.3V±0.3V operation)
    Tri-State output configurations
    Internal powerdown function
    Packages:
        40-PIN PLASTIC DIP (DIP40-P-600-2.54)
        40-PIN PLASTIC SOP (SOP40-P-525-1.27-K)
        44-PIN PLASTIC TSOP (TSOPII44-P-400-0.80-K)
    4MEPROM (40-PIN) pin compatible




Similar Part No. - MSM534032E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
524,288-Word x 8-Bit MASKROM
More results


Similar Description - MSM534032E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
524,288-Word x 8-Bit MASKROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com