Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM534031E Datasheet (PDF) - OKI electronic componets

MSM534031E Datasheet PDF - OKI electronic componets
Part # MSM534031E
Download  MSM534031E Download
File Size   71.45 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit MASKROM

MSM534031E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM534031E Datasheet PDF - OKI electronic componets

Part # MSM534031E
Download  MSM534031E Click to download

File Size   71.45 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 8-Bit MASKROM

MSM534031E Datasheet (HTML) - OKI electronic componets


MSM534031E Product details

DESCRIPTION
The OKI MSM534031E is a high-speed silicon gate CMOS Mask ROM with 524,288-word x 8-bit capacity. The MSM534031E operates on a single 3.0V or 3.3V power supply but offers the same fast access times as products that operate at 5.0V. The MSM534031Es 8-bit wide data path and pin compatibility with UV erasable EPROMs make it suited for use as large capacity fixed memory for portable microcomputers and data terminals.

FEATURES
    Single 3.0V or 3.3V power supply
    524,288-words x 8-bit
    Access time—current consumption
        150ns—15mA (3.0V±0.3V operation)
        120ns—20mA (3.3V±0.3V operation)
    Tri-State output TTL compatible
    Internal powerdown function
    Packages:
        32-PIN PLASTIC DIP (DIP32-P-600-2.54)
        32-PIN PLASTIC SOP (SOP32-P-525-1.27-K)
        32-PIN PLASTIC TSOP (TSOP32-P-814-0.80-K)
    4MEPROM (32-PIN) pin compatible




Similar Part No. - MSM534031E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
More results


Similar Description - MSM534031E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM531632E OKI-MSM531632E Datasheet
102Kb / 9P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MSM533202E OKI-MSM533202E Datasheet
97Kb / 8P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM533222E OKI-MSM533222E Datasheet
97Kb / 8P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM533232E OKI-MSM533232E Datasheet
101Kb / 9P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com