Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUNV Datasheet (PDF) - Tripp Lite. All Rights Reserved

PDUNV Datasheet PDF - Tripp Lite. All Rights Reserved
Part # PDUNV
Download  PDUNV Download
File Size   163.41 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with 5 Adapters, 10 ft. Cord, 1U Rack-Mount

PDUNV Datasheet (PDF)

Go To PDF Page Download Datasheet
PDUNV Datasheet PDF - Tripp Lite. All Rights Reserved

Part # PDUNV
Download  PDUNV Click to download

File Size   163.41 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with 5 Adapters, 10 ft. Cord, 1U Rack-Mount

PDUNV Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - PDUNV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PDU MSYSTEM-PDU Datasheet
144Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Belden Inc.
PDU-12486 BELDEN-PDU-12486 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230/400V 32A 3PNE (12)LC13(12)LC19
01-22-2025
PDU-12489 BELDEN-PDU-12489 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230V 32A 2PE (20)LC13(4)LC19
05-31-2024
PDU-12490 BELDEN-PDU-12490 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230V 32A 2PE (18)LC13(6)LC19
01-22-2025
PDU-12502 BELDEN-PDU-12502 Datasheet
126Kb / 2P
PDU SW Unit Disp V Env Upg 230V 16A 2PE (10)LC13(2)LC19
05-31-2024
More results


Similar Description - PDUNV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU12IEC ETC2-PDU12IEC Datasheet
487Kb / 5P
Single-Phase Basic PDU, 1.6-3.8kW 16A 100-240V 1U Horizontal Rackmount, 12 C13 and 2 C19 outlets, C20 inlet
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC_15 Datasheet
480Kb / 3P
1.6-3.8kW Single-Phase Basic PDU, 100-240V Outlets (12-C13 and 2-C19), C20 16A Inlet, 1U Rack-Mount
PDU12IEC TRIPPLITE-PDU12IEC Datasheet
158Kb / 3P
1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 16A Input, 1U Rack-Mount
PDUH20DV TRIPPLITE-PDUH20DV Datasheet
157Kb / 3P
1.6??.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with L6-20P Adapter, 12 ft. Cord, 1U Rack-Mount
PDUMH20HV TRIPPLITE-PDUMH20HV Datasheet
159Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V (8 C13 & 2 C19), C20 / L6-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVAT TRIPPLITE-PDUMH20HVAT Datasheet
162Kb / 4P
3.2-3.8kW Single-Phase ATS/Metered PDU, 200-240V (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMNH20HVAT1 TRIPPLITE-PDUMNH20HVAT1 Datasheet
159Kb / 3P
3.8kW 200??40V Single-Phase ATS/Monitored PDU - 8 C13 and 2 C19 Outlets, Dual C20 Inlets, 12 ft. Cords, Network Card, 1U, TAA
PDUH20HVL6 TRIPPLITE-PDUH20HVL6 Datasheet
156Kb / 3P
3.3/3.8kW Single-Phase 208/240V Basic PDU, 14 Outlets (12 C13 & 2 C19), NEMA L6-20P Input, 15 ft. (4.57 m) Cord, 1U Rack-Mount
PDUH30HV19 TRIPPLITE-PDUH30HV19 Datasheet
161Kb / 3P
5/5.8kW Single-Phase 208/240V Basic PDU, 4 C19 Outlets, NEMA L6-30P Input, 12 ft. (3.66 m) Cord, 1U Rack-Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com