Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUNV Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUNV
Description  1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with 5 Adapters, 10 ft. Cord, 1U Rack-Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUNV Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUNV Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUNV Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUNV Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.6/3.8kW Single-Phase 100–240V Basic PDU, 14
Outlets (12 C13 & 2 C19), C20 with 5 Adapters, 10
ft. Cord, 1U Rack-Mount
MODEL NUMBER: PDUNV
Versatile 16A 100–240V PDU compatible with wide range of voltages to deliver single-phase AC power to
multiple loads from a utility outlet, generator or UPS system. Recommended for data centers, server
rooms and network closets.
Description
The PDUNV 1.6/3.8kW Single-Phase 100–240V Basic PDU is a versatile no-frills unit for data centers,
server rooms and network wiring closets. Perfectly suited for high-density IT environments, the PDUNV
features 14 total outlets—four C13 in front and eight C13 and two C19 in the rear.
The C20 input plug with 10-foot (3 m) cord connects to your facility’s compatible AC power source,
generator or protected UPS to distribute power to connected equipment. Five C19 plug adapters with
locking retainer clips are included for connection in a variety of power environments. The adapters convert
the plug to C14 (connects to C13 100–240V), NEMA L6-20P (L6-20R 20A 208/240V), NEMA L5-20P (L5-
20R 20A 120V), NEMA 5-20P (5-20R 20A 120V) or NEMA 5-15P (5-15R 15A 120V).
The switchless design prevents an accidental shutdown, which could lead to costly downtime. A 16A
circuit breaker protects connected equipment from dangerous overloads. The reversible all-metal housing
supports a variety of mounting options, including 1U horizontal or 0U vertical mounting in EIA-standard
19-inch racks, under a counter or on a wall or workbench with user-supplied hardware. It also supports
toolless 0U vertical mounting with the optional PDUSIDEBRKT (sold separately).
Features
Reliable Single-Phase 16A 100–240V Power Distribution
Versatile no-frills PDU for data centers, server rooms and network wiring closets
q
14 total outlets—4 C13 in front, 8 C13 and 2 C19 in rear
q
C20 input with 10 ft. cord and 5 plug adapters
q
Highlights
C20 input with 10 ft. cord and 5
adapters
q
14 total outlets—12 C13 and 2
C19
q
Switchless design prevents
accidental shutdown
q
Reversible all-metal housing
q
16A circuit breaker protects
against overloads
q
Package Includes
PDUNV 1.6/3.8kW Single-
Phase 100–240V Basic PDU
q
(5) C19 plug adapters
q
Mounting brackets
q
Owner’s manual
q
1 / 3


Similar Part No. - PDUNV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PDU MSYSTEM-PDU Datasheet
144Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Belden Inc.
PDU-12486 BELDEN-PDU-12486 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230/400V 32A 3PNE (12)LC13(12)LC19
01-22-2025
PDU-12489 BELDEN-PDU-12489 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230V 32A 2PE (20)LC13(4)LC19
05-31-2024
PDU-12490 BELDEN-PDU-12490 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230V 32A 2PE (18)LC13(6)LC19
01-22-2025
PDU-12502 BELDEN-PDU-12502 Datasheet
126Kb / 2P
PDU SW Unit Disp V Env Upg 230V 16A 2PE (10)LC13(2)LC19
05-31-2024
More results

Similar Description - PDUNV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU12IEC ETC2-PDU12IEC Datasheet
487Kb / 5P
Single-Phase Basic PDU, 1.6-3.8kW 16A 100-240V 1U Horizontal Rackmount, 12 C13 and 2 C19 outlets, C20 inlet
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC_15 Datasheet
480Kb / 3P
1.6-3.8kW Single-Phase Basic PDU, 100-240V Outlets (12-C13 and 2-C19), C20 16A Inlet, 1U Rack-Mount
PDU12IEC TRIPPLITE-PDU12IEC Datasheet
158Kb / 3P
1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 16A Input, 1U Rack-Mount
PDUH20DV TRIPPLITE-PDUH20DV Datasheet
157Kb / 3P
1.6??.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with L6-20P Adapter, 12 ft. Cord, 1U Rack-Mount
PDUMH20HV TRIPPLITE-PDUMH20HV Datasheet
159Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V (8 C13 & 2 C19), C20 / L6-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVAT TRIPPLITE-PDUMH20HVAT Datasheet
162Kb / 4P
3.2-3.8kW Single-Phase ATS/Metered PDU, 200-240V (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMNH20HVAT1 TRIPPLITE-PDUMNH20HVAT1 Datasheet
159Kb / 3P
3.8kW 200??40V Single-Phase ATS/Monitored PDU - 8 C13 and 2 C19 Outlets, Dual C20 Inlets, 12 ft. Cords, Network Card, 1U, TAA
PDUH20HVL6 TRIPPLITE-PDUH20HVL6 Datasheet
156Kb / 3P
3.3/3.8kW Single-Phase 208/240V Basic PDU, 14 Outlets (12 C13 & 2 C19), NEMA L6-20P Input, 15 ft. (4.57 m) Cord, 1U Rack-Mount
PDUH30HV19 TRIPPLITE-PDUH30HV19 Datasheet
161Kb / 3P
5/5.8kW Single-Phase 208/240V Basic PDU, 4 C19 Outlets, NEMA L6-30P Input, 12 ft. (3.66 m) Cord, 1U Rack-Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com