Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUNV Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUNV
Description  1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with 5 Adapters, 10 ft. Cord, 1U Rack-Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUNV Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUNV Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUNV Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUNV Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Rear-panel grounding lug
q
16A circuit breaker protects against overloads
q
C19 Plug Adapters Included
For connecting to AC power in various power environments
q
Locking retainer clips included
q
Adapters: C14, NEMA L6-20P, NEMA L5-20P, NEMA 5-20P and NEMA 5-15P
q
Switchless Design
Prevents accidental shutdowns and costly downtime
q
Versatile Installation Options
Reversible all-metal housing faces front or rear in rack
q
Supports 1U horizontal or 0U vertical mounting in EIA-standard 19 in. racks
q
Also mounts on wall, workbench or under a counter
q
Supports toolless 0U vertical mounting with optional PDUSIDEBRKT (sold separately)
q
OVERVIEW
UPC Code
037332127204
PDU Type
Basic
OUTPUT
Output Capacity Details
3.84kW (240V), 3.68kW (230V), 3.52kW (220V), 3.33kW (208V), 3.2kW (200V), 2.03kW (127V), 1.92kW (120V),
1.6kW (100V) / 16A total capacity; 16A max per C19 outlet; 12A (10A CE) max per C13 outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(12) C13; (2) C19
Output Nominal Voltage
100; 120; 127; 200; 208; 220; 230; 240
Overload Protection
16A circuit breaker
INPUT
PDU Input Voltage
100; 120; 127; 200; 208; 220; 230; 240
Recommended Electrical Service
20A 120V; 20A 208/240V; 16A 230V
Maximum Input Amps
16
PDU Plug Type
NEMA 5-15P; NEMA 5-20P; NEMA L5-20P; NEMA L6-20P; IEC-320 C14; IEC-320 C20
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com