Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM548332 Datasheet (PDF) - OKI electronic componets

MSM548332 Datasheet PDF - OKI electronic componets
Part # MSM548332
Download  MSM548332 Download
File Size   246.44 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 278,400-Word x 12-Bit Field Memory

MSM548332 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM548332 Datasheet PDF - OKI electronic componets

Part # MSM548332
Download  MSM548332 Click to download

File Size   246.44 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 278,400-Word x 12-Bit Field Memory

MSM548332 Datasheet (HTML) - OKI electronic componets


MSM548332 Product details

DESCRIPTION
The MSM548332 is a 3.3-Mbit, 960 bits · 290 lines, Field Memory. Access is done line by line. The line address must be set each time a line is changed.
More than two MSM548332s can be cascaded directly without any delay devices between them.
Cascading MSM548332s provides larger capacity and longer delay.
X serial address input enables random initial address setting of serial access in a page. Other than the random address setting, MSM548332 has several types of address set modes such as line hold, address jump to initial address and line increment.
   
FEATURES
• 960 · 290 · 12-bit configuration
• Line by line access
• X serial address inputs for random serial initial bit address
• Asynchronous operation
• Serial read and write cycle times
    Read cycle: 30 ns/50 ns
    Write cycle: 30 ns/50 ns
• Low operating supply voltage: 3.3 V ±0.3 V
• Self-refresh
• Various address reset mode for picture processing
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Package:
    44-pin 400 mil plastic TSOP (Type II) (TSOPII44-P-400-0.80-K)
                                                                (Product : MSM548332-xxTS-K)
                                                                 xx indicates speed rank.
   




Similar Part No. - MSM548332

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548331 OKI-MSM548331 Datasheet
245Kb / 23P
222,720-Word x 12-Bit Field Memory
MSM548333 OKI-MSM548333 Datasheet
423Kb / 42P
240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory
More results


Similar Description - MSM548332

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM548331 OKI-MSM548331 Datasheet
245Kb / 23P
222,720-Word x 12-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com