Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM548333 Datasheet (PDF) - OKI electronic componets

MSM548333 Datasheet PDF - OKI electronic componets
Part # MSM548333
Download  MSM548333 Download
File Size   423.95 Kbytes
Page   42 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory

MSM548333 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM548333 Datasheet PDF - OKI electronic componets

Part # MSM548333
Download  MSM548333 Click to download

File Size   423.95 Kbytes
Page   42 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory

MSM548333 Datasheet (HTML) - OKI electronic componets


MSM548333 Product details

DESCRIPTION
The MSM548333 is a high performance double triple-port type 2.88-Mbit, 768 bits x 313 lines x (8 + 4), Field Memory for Y-C separation signal control. The MSM548333 has two memory plain blocks: Y area has 8 plains and C area has 4 plains. Each plain contains 768x313 bits. Each plain has one input port and two output ports. Access is done line by line. The line address must be set each time a line is changed.

FEATURES
• Configuration
    6-port configuration
    Y area: 768 x 313 x 8-bit configuration x 1 (serial write port)
                768 x 313 x 8-bit configuration x 2 (serial read port)
    C area: 768 x 313 x 4-bit configuration x 1 (serial write port)
                 768 x 313 x 4-bit configuration x 2 (serial read port)
• Line by line access.
• X and Y serial address inputs for random serial initial bit address
• Asynchronous operation
• Serial read and write cycle times
    Read cycle: 30 ns min.
    Write cycle: 50 ns min.
• Low operating supply voltage: 3.3 V ±0.3 V
• Self-refresh.
• Various address reset mode for picture processing
• Write mask by IE.
• Package:
    100-pin plastic TQFP (TQFP100-P-1414-0.50-K) (Product : MSM548333TS-K)




Similar Part No. - MSM548333

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548331 OKI-MSM548331 Datasheet
245Kb / 23P
222,720-Word x 12-Bit Field Memory
MSM548332 OKI-MSM548332 Datasheet
246Kb / 23P
278,400-Word x 12-Bit Field Memory
More results


Similar Description - MSM548333

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
262,263-Word x 4-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
262144-word x 8-bit x 3-FIELD MEMORY
logo
OKI electronic componet...
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com