Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6599B Datasheet (PDF) - OKI electronic componets

MSM6599B Datasheet PDF - OKI electronic componets
Part # MSM6599B
Download  MSM6599B Download
File Size   130.39 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT SEGMENT DRIVER

MSM6599B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6599B Datasheet PDF - OKI electronic componets

Part # MSM6599B
Download  MSM6599B Click to download

File Size   130.39 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT SEGMENT DRIVER

MSM6599B Datasheet (HTML) - OKI electronic componets


MSM6599B Product details

GENERAL DESCRIPTION
The MSM6599B is a dot matrix LCD segment driver LSI which consists of two 80-bit latches, an 80-bit level shifter and an 80-bit 4-level driver.
It latches the 4-bit parallel display data transferred from a microcomputer or LCD controller LSI, then outputs the LCD driving waveform to the LCD.

FEATURES
• Supply voltage : 4.5 to 5.5 V
• LCD driving voltage : 18 to 28 V
• Applicable LCD duty : 1/64 to 1/256
• LCD output : 80
• Because of 4-bit parallel transfers, the transfer speed is 1/4 that of conventional serial transfer, insuring low power consumption.
• Applicable common driver : MSM6698 (80 outputs)
• Package options:
    100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name : MSM6599B GS-K)
    100-pin plastic QFP(QFP100-P-1420-0.65-BK) (Product name : MSM6599B GS-BK)




Similar Part No. - MSM6599B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6595 OKI-MSM6595 Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6595A-XXX OKI-MSM6595A-XXX Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6596A-XXX OKI-MSM6596A-XXX Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
More results


Similar Description - MSM6599B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5260 OKI-MSM5260 Datasheet
140Kb / 12P
80-DOT COMMON/SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
logo
New Japan Radio
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com