Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5260 Datasheet (PDF) - OKI electronic componets

MSM5260 Datasheet PDF - OKI electronic componets
Part # MSM5260
Download  MSM5260 Download
File Size   140.02 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT COMMON/SEGMENT DRIVER

MSM5260 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5260 Datasheet PDF - OKI electronic componets

Part # MSM5260
Download  MSM5260 Click to download

File Size   140.02 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT COMMON/SEGMENT DRIVER

MSM5260 Datasheet (HTML) - OKI electronic componets


MSM5260 Product details

GENERAL DESCRIPTION
The MSM5260 is a dot matrix common/segment LCD driver LSI which is fabricated using low power CMOS metal gate technology. This LSI consists of 80-bit shift register, 80-bit latch, 80-bit level shifter and 80-bit 4-level driver.
It converts display data, which is serially received from an LCD controller LSI, to parallel data, and outputs LCD driving waveform to LCD.
This LSI can drive a variety of LCD panels since the bias voltage can be optionally supplied from an external source.

FEATURES
• Supply voltage : 4.5 to 5.5V
• LCD driving voltage : 8 to 18V
• Applicable LCD duty : static and 1/32 to 1/64
• Bias voltage can be supplied externally
• Can be used either as common or segment driver
• Interface with MSM6255 LCD controller LSI
• Package options :
   100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name : MSM5260GS-K)
   100-pin plastic QFP (QFP100-P-1420-0.65-L) (Product name : MSM5260GS-L)
   100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name : MSM5260GS-BK)




Similar Part No. - MSM5260

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
80-DOT LCD DRIVER
MSM5267B-15 OKI-MSM5267B-15 Datasheet
128Kb / 9P
33-BIT VFD SEGMENT DRIVER
More results


Similar Description - MSM5260

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM6599B OKI-MSM6599B Datasheet
130Kb / 11P
80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
80-DOT COMMON DRIVER
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com