Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6698 Datasheet (PDF) - OKI electronic componets

MSM6698 Datasheet PDF - OKI electronic componets
Part # MSM6698
Download  MSM6698 Download
File Size   93.14 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT COMMON DRIVER

MSM6698 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6698 Datasheet PDF - OKI electronic componets

Part # MSM6698
Download  MSM6698 Click to download

File Size   93.14 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT COMMON DRIVER

MSM6698 Datasheet (HTML) - OKI electronic componets


MSM6698 Product details

GENERAL DESCRIPTION
The MSM6698 is a dot matrix LCD common driver. Fabricated in CMOS technology, the device consists of an 80-bit bi-directional shift register, 80-bit level shifter, and 80-bit 4-level driver.
The MSM6698 is equipped with 80 LCD output pins. By connecting more than two MSM6698s in series, this LSI is applicable to a wide LCD panel.

FEATURES
• Logic supply voltage : 2.7 to 5.5 V
• LCD drive voltage : 18 to 28 V
• Applicable LCD duty : 1/64 to 1/240
• Interface with MSM6599B (80-dot segment driver)
• Package:
    100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name: MSM6698GS-K)




Similar Part No. - MSM6698

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6690 OKI-MSM6690 Datasheet
182Kb / 8P
ROM Interface IC
MSM6691 OKI-MSM6691 Datasheet
168Kb / 7P
DRAM Interface IC
More results


Similar Description - MSM6698

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5260 OKI-MSM5260 Datasheet
140Kb / 12P
80-DOT COMMON/SEGMENT DRIVER
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
80-DOT LCD DRIVER
MSM5298A OKI-MSM5298A Datasheet
108Kb / 9P
68-DOT COMMON DRIVER
MSM6599B OKI-MSM6599B Datasheet
130Kb / 11P
80-DOT SEGMENT DRIVER
MSM6648 OKI-MSM6648 Datasheet
72Kb / 9P
100-DOT COMMON DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
DOT MATRIX 80 DOT COMMON DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com