Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6648 Datasheet (PDF) - OKI electronic componets

MSM6648 Datasheet PDF - OKI electronic componets
Part # MSM6648
Download  MSM6648 Download
File Size   72.0 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 100-DOT COMMON DRIVER

MSM6648 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6648 Datasheet PDF - OKI electronic componets

Part # MSM6648
Download  MSM6648 Click to download

File Size   72.0 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 100-DOT COMMON DRIVER

MSM6648 Datasheet (HTML) - OKI electronic componets


MSM6648 Product details

GENERAL DESCRIPTION

The MSM6648 is a dot matrix LCD common driver. Fabricated in CMOS technology, the device consists of two 50-bit bidirectional shift registers, two 50-bit level shifters, and two 50-bit 4-level drivers.

The MSM6648 is equipped with 100 LCD output pins. By connecting more than two MSM6648s in cascade, this LSI is applicable to a wide LCD panel.



FEATURES

• Logic supply voltage : 2.7 to 5.5 V

• LCD drive voltage : 18 to 28 V

• Applicable LCD duty : 1/64 to 1/240

• Suitable for bath panel sizes of 400 (200 ¥ 2) and 480 (240 ¥ 2) in common numbers by the use of intermediate data input and 10-bit bypass function.

• Structure:

   Tape Carrier Package (TCP) mounting with 35 mm wide film

                                    (Product name : MSM6648AV-Z-01)

   Sn-plated



 




Similar Part No. - MSM6648

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6641 OKI-MSM6641 Datasheet
150Kb / 6P
Built-in Remote Control Transmission Circuit 4-Bit Microcontroller
MSM6641E-XX OKI-MSM6641E-XX Datasheet
150Kb / 6P
Built-in Remote Control Transmission Circuit 4-Bit Microcontroller
More results


Similar Description - MSM6648

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
32-DOT LCD COMMON DRIVER
MSM5260 OKI-MSM5260 Datasheet
140Kb / 12P
80-DOT COMMON/SEGMENT DRIVER
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM5298 OKI-MSM5298 Datasheet
171Kb / 9P
DOT MATIX LCD 68 DOT COMMON DRIVER
MSM5298A OKI-MSM5298A Datasheet
108Kb / 9P
68-DOT COMMON DRIVER
MSM6568A OKI-MSM6568A Datasheet
58Kb / 8P
160-DOT COMMON DRIVER
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
80-DOT COMMON DRIVER
MSM6778 OKI-MSM6778 Datasheet
62Kb / 7P
120-DOT COMMON DRIVER (TAB)
MSM6778B OKI-MSM6778B Datasheet
90Kb / 8P
120-DOT COMMON DRIVER (TAB)
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
DOT MATRIX 80 DOT COMMON DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com