Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6641 Datasheet (PDF) - OKI electronic componets

MSM6641 Datasheet PDF - OKI electronic componets
Part # MSM6641
Download  MSM6641 Download
File Size   150.68 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in Remote Control Transmission Circuit 4-Bit Microcontroller

MSM6641 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6641 Datasheet PDF - OKI electronic componets

Part # MSM6641
Download  MSM6641 Click to download

File Size   150.68 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in Remote Control Transmission Circuit 4-Bit Microcontroller

MSM6641 Datasheet (HTML) - OKI electronic componets


MSM6641 Product details

GENERAL DESCRIPTION

The MSM6641, powered by a single battery, is a 4-bit microcontroller fabricated in OKI’s low voltage CMOS technology. A remote-control output generator built into this device provides remote-control output.

The MSM6641 is best suited to remote-control applications.



FEATURES

• Operating range

   Operating voltage : 1.5 V (MSM6641)

                             3.0 V (MSM6641E)

  Operating frequency : 1 MHz

  Operating temperature : –20 to +70°C

• Memory space

  ROM : 4096 words × 17 bits

  RAM : 64 words × 4 bits

• Minimum instruction execution time : 16 µs

• I/O port

   Input port : 2 ports x 4 bits

                   1 port x 1 bit

   Output port : 2 ports x 4 bits

                     1 port x 1 bit

• Remote-control output port : 1

  The remote-control output circuit consists of a carrier generator, a guide pulse and data pulse generator, and an output waveform controller. The remote control output can be provided by setting the control registers.

• Key-On Wake-Up function

  Oscillation can be stopped to turn off microcontroller operation. Application of predetermined input levels to the input ports turns on oscillation and microcontroller operation.

• Halt release timers : 4

                           Timer frequencies are selectable.

• Watchdog timers : 2

• Clock : 1 MHz ceralock resonator

• Power supply voltage : 1.5 V/3.0 V (mask option)

• Package:

  24-pin plastic SOP (SOP24-P-430-K) (Product name : MSM6641-¥¥GS-K, MSM6641E-xxGS-K) Chip

 




Similar Part No. - MSM6641

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6648 OKI-MSM6648 Datasheet
72Kb / 9P
100-DOT COMMON DRIVER
More results


Similar Description - MSM6641

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6124A NEC-UPD6124A Datasheet
172Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6125A NEC-UPD6125A Datasheet
286Kb / 40P
4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P24 NEC-UPD61P24 Datasheet
252Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD6124A RENESAS-PD6124A_15 Datasheet
312Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com