Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6568A Datasheet (PDF) - OKI electronic componets

MSM6568A Datasheet PDF - OKI electronic componets
Part # MSM6568A
Download  MSM6568A Download
File Size   58.56 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 160-DOT COMMON DRIVER

MSM6568A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6568A Datasheet PDF - OKI electronic componets

Part # MSM6568A
Download  MSM6568A Click to download

File Size   58.56 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 160-DOT COMMON DRIVER

MSM6568A Datasheet (HTML) - OKI electronic componets


MSM6568A Product details

GENERAL DESCRIPTION
The MSM6568A is a dot matrix LCD common driver which is fabricated in CMOS technology.
The MSM6568A consists of two 80-bit bidirectional shift registers, two 80-bit level shifters, and two 80-bit 4-level drivers.
The MSM6568A is equipped with 160 output pins. By connecting two or more MSM6568A devices in cascade, the number of LCD outputs can be increased.
The MSM6568A can drive a variety of LCD panels because the bias voltage, which determines the LCD driving voltage, can be optionally supplied from an external source.

FEATURES
• Logic supply voltage : 2.7 to 5.5V
• LCD driving voltage : 14 to 28V
• Applicable LCD duty : 1/64 to 1/256
• External bias power supply available
• Package :
    TCP mounting with 70mm wide film (Product name : MSM6568AV-Z) Tin-plated




Similar Part No. - MSM6568A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6562B OKI-MSM6562B Datasheet
496Kb / 50P
DOT MATRIX LCD CONTROLLER DRIVER
MSM6562B-XX OKI-MSM6562B-XX Datasheet
496Kb / 50P
DOT MATRIX LCD CONTROLLER DRIVER
More results


Similar Description - MSM6568A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM5298 OKI-MSM5298 Datasheet
171Kb / 9P
DOT MATIX LCD 68 DOT COMMON DRIVER
MSM5298A OKI-MSM5298A Datasheet
108Kb / 9P
68-DOT COMMON DRIVER
MSM6648 OKI-MSM6648 Datasheet
72Kb / 9P
100-DOT COMMON DRIVER
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
80-DOT COMMON DRIVER
MSM6778 OKI-MSM6778 Datasheet
62Kb / 7P
120-DOT COMMON DRIVER (TAB)
MSM6778B OKI-MSM6778B Datasheet
90Kb / 8P
120-DOT COMMON DRIVER (TAB)
MSM6779 OKI-MSM6779 Datasheet
80Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
MSM6779B OKI-MSM6779B Datasheet
102Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
DOT MATRIX 80 DOT COMMON DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com