Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6778 Datasheet (PDF) - OKI electronic componets

MSM6778 Datasheet PDF - OKI electronic componets
Part # MSM6778
Download  MSM6778 Download
File Size   62.95 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 120-DOT COMMON DRIVER (TAB)

MSM6778 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6778 Datasheet PDF - OKI electronic componets

Part # MSM6778
Download  MSM6778 Click to download

File Size   62.95 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 120-DOT COMMON DRIVER (TAB)

MSM6778 Datasheet (HTML) - OKI electronic componets


MSM6778 Product details

GENERAL DESCRIPTION
The MSM6778 is a dot-matrix LCD common driver. Fabricated in CMOS technology, the device contains two 60-bit bidirectional shift registers, two 60-bit level shifters, and two 60-bit 4-level drivers.
The MSM6778 has 120 LCD outputs. The number of LCD outputs can be increased by cascading MSM6778 devices, using cascade-connected I/O pins. The bias voltage which specifies a drive level can optionally be supplied externally. The MSM6778 is suitable for various types of LCD panel.

FEATURES
• Logic supply voltage : 2.7 V to 5.5 V
• LCD drive voltage : A wide range from 18 V to 28 V
• Applicable LCD duty : 1/100 to 1/256
• The bias voltage can be externally supplied.
• Structure:
    35mm-wide Tape Automated Bonding (TAB) film (Product name: MSM6778AV-Z-01) Tin-plating




Similar Part No. - MSM6778

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6778B OKI-MSM6778B Datasheet
90Kb / 8P
120-DOT COMMON DRIVER (TAB)
More results


Similar Description - MSM6778

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
32-DOT LCD COMMON DRIVER
MSM5260 OKI-MSM5260 Datasheet
140Kb / 12P
80-DOT COMMON/SEGMENT DRIVER
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM5298 OKI-MSM5298 Datasheet
171Kb / 9P
DOT MATIX LCD 68 DOT COMMON DRIVER
MSM5298A OKI-MSM5298A Datasheet
108Kb / 9P
68-DOT COMMON DRIVER
MSM6568A OKI-MSM6568A Datasheet
58Kb / 8P
160-DOT COMMON DRIVER
MSM6648 OKI-MSM6648 Datasheet
72Kb / 9P
100-DOT COMMON DRIVER
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
80-DOT COMMON DRIVER
MSM6778B OKI-MSM6778B Datasheet
90Kb / 8P
120-DOT COMMON DRIVER (TAB)
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
DOT MATRIX 80 DOT COMMON DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com