Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6684B Datasheet (PDF) - OKI electronic componets

MSM6684B Datasheet PDF - OKI electronic componets
Part # MSM6684B
Download  MSM6684B Download
File Size   117.59 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-word x 1-bit Serial Register

MSM6684B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6684B Datasheet PDF - OKI electronic componets

Part # MSM6684B
Download  MSM6684B Click to download

File Size   117.59 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-word x 1-bit Serial Register

MSM6684B Datasheet (HTML) - OKI electronic componets


MSM6684B Product details

GENERAL DESCRIPTION
MSM6684B is a serial register organized as 4,194,304 words x one bit, characterized by medium speed, low power consumption operation.
This device has a built-in internal address generation circuit allowing continuous serial read/write operation by external clock input.
Read/write operation causes the internal address to be incremented automatically by +1.
External address input enables addressing in units of 1024 words. Furthermore, a refresh timer and a refresh address counter are installed, which makes an external refresh circuit unnecessary. In addition, this configuration allows lower power consumption.
The device is packaged in 26/20-pin SOJ having a width of 300 mil.
It is well adapted for storing much data by means of a battery backup. Its combination with our recording and playback LSI enables the easy implementation of a solid recording and playback system.

FEATURES
• Configuration
   4,194,304 x 1 bit
• Serial access operation
   Serial access time : 1.5 ms
   Serial read/write time : 2.5 ms
• Low current drain
   150 mA max. (VCC = 4 V with data stored and under standard conditions)
• Refresh operation
   A self-refresh function is supported.
• Wide operation voltage range
   Single 3.5 to 5.5 V
• Addressing
   Units of 1024 words
• Process
   0.45 mm double well CMOS process
• Package :
   26/20-pin plastic SOJ (SOJ26/20-P-300-1.27) (Product name : MSM6684BJS)




Similar Part No. - MSM6684B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
8,388,608-Word x 1-Bit Serial Register
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
MSM6685AJS OKI-MSM6685AJS Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
MSM6688 OKI-MSM6688 Datasheet
1,002Kb / 159P
ADPCM Solid-State Recorder IC
MSM6688 OKI-MSM6688 Datasheet
961Kb / 167P
ADPCM Solid-State Recorder IC
More results


Similar Description - MSM6684B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
8,388,608-Word x 1-Bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
4,194,304-word x 1-bit Serial Register
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
4,194,304 WORD x 1 BIT DYNAMIC RAM
TC514100JL TOSHIBA-TC514100JL Datasheet
643Kb / 24P
4,194,304 WORD x 1 BIT DYNAMIT RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
262,144-Word x 1-Bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
524,288-Word x 1-Bit Serial Register
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com