Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66V84B Datasheet (PDF) - OKI electronic componets

MSM66V84B Datasheet PDF - OKI electronic componets
Part # MSM66V84B
Download  MSM66V84B Download
File Size   124.22 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-word x 1-bit Serial Register

MSM66V84B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM66V84B Datasheet PDF - OKI electronic componets

Part # MSM66V84B
Download  MSM66V84B Click to download

File Size   124.22 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-word x 1-bit Serial Register

MSM66V84B Datasheet (HTML) - OKI electronic componets


MSM66V84B Product details

GENERAL DESCRIPTION
MSM66V84B is a serial register organized as 4,194,304 words x one bit, characterized by mediumspeed, low power consumption operation.

FEATURES
• Configuration
    4,194,304 x 1 bit
• Serial access operation
    Serial access time : 1.5 ms
    Serial read/write time : 2.5 ms
• Low current drain
    100 mA max. (VCC = 3.6 V with data stored and under standard conditions)
• Refresh operation
    A self-refresh function is supported.
• Wide operation voltage range
    Single 2.7 to 3.6 V
• Addressing
    Units of 1024 words
• Process
    0.45 mm double well CMOS process
• Package options :
    26/20-pin plastic SOJ (SOJ26/20-P-300-1.27) (Product name : MSM66V84BJS)
    26/20-pin plastic TSOP (TSOPII26/20-P-300-1.27-K) (Product name : MSM66V84BTS-K)




Similar Part No. - MSM66V84B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6606 OKI-MSM6606 Datasheet
132Kb / 18P
80-DOT LCD DRIVER WITH KEY MATRIX
MSM66101 OKI-MSM66101 Datasheet
569Kb / 28P
OLMS-66K Series 16-Bit Microcontroller
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
More results


Similar Description - MSM66V84B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
4,194,304-word x 1-bit Serial Register
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
8,388,608-Word x 1-Bit Serial Register
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
4,194,304 WORD x 1 BIT DYNAMIC RAM
TC514100JL TOSHIBA-TC514100JL Datasheet
643Kb / 24P
4,194,304 WORD x 1 BIT DYNAMIT RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
262,144-Word x 1-Bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
524,288-Word x 1-Bit Serial Register
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com