Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6685 Datasheet (PDF) - OKI electronic componets

MSM6685 Datasheet PDF - OKI electronic componets
Part # MSM6685
Download  MSM6685 Download
File Size   84.65 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 8,388,608-Word x 1-Bit Serial Register

MSM6685 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6685 Datasheet PDF - OKI electronic componets

Part # MSM6685
Download  MSM6685 Click to download

File Size   84.65 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 8,388,608-Word x 1-Bit Serial Register

MSM6685 Datasheet (HTML) - OKI electronic componets


MSM6685 Product details

GENERAL DESCRIPTION
The MSM6685 is a serial register composed of 8,388,608 words x one bit, characterized by medium speed, low power consumption operation.
This device has a built-in internal address generation circuit allowing continuous serial read/write operation by external clock input. Read/write operation causes the internal address to be incremented automatically by +1.

FEATURES
• Configuration : 8,388,608 · 1 bit
• Serial access operation
    Serial access time : 1.5 ms
    Serial read/write time : 2.5 ms
• Low current drain : 200mA max. (VCC= 4 V, at refresh operation, with data stored and under standard conditions)
• Refresh operation
    A self-refresh function is supported.
• Wide range of operating voltage : Single 3.5 to 5.5 V supply
• Addressing : In units of 1024 words
• Process : 0.5 mm double well CMOS process
• Package:
    26/20-pin plastic SOJ (SOJ26/20-P-300-1.27) (Product name : MSM6685JS)




Similar Part No. - MSM6685

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
MSM6685AJS OKI-MSM6685AJS Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
More results


Similar Description - MSM6685

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MSM6389C OKI-MSM6389C Datasheet
141Kb / 12P
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
MSM63V89C OKI-MSM63V89C Datasheet
141Kb / 11P
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
4,194,304-word x 1-bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
4,194,304-word x 1-bit Serial Register
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
262,144-Word x 1-Bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
524,288-Word x 1-Bit Serial Register
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
MR27V6452D OKI-MR27V6452D Datasheet
83Kb / 10P
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com