Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6389C Datasheet (PDF) - OKI electronic componets

MSM6389C Datasheet PDF - OKI electronic componets
Part # MSM6389C
Download  MSM6389C Download
File Size   141.71 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 1-Bit Solid-State Recorder Data Register

MSM6389C Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6389C Datasheet PDF - OKI electronic componets

Part # MSM6389C
Download  MSM6389C Click to download

File Size   141.71 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 1-Bit Solid-State Recorder Data Register

MSM6389C Datasheet (HTML) - OKI electronic componets


MSM6389C Product details

GENERAL DESCRIPTION
The MSM6389C is a solid-state recorder data register in 1,048,576 words x 1 bit configuration.
The MSM6389C has a built-in internal address generator circuit allowing continuous serial read/write operation by single external clock input. The internal address is automatically incremented by one by read/write operation.

FEATURES
• Configuration: 1,048,576 x 1 bit
• Serial access operation:
    Serial access time 1.5 μs (3.0 ms)
    Serial read/write cycle time 2.0 μs (4.0 ms)
    Fast mode read/write cycle time 0.4 μs (0.4 ms)
    Times in parentheses indicate ones in self-refresh mode.
• Low current consumption: 100 μA max. (for data holding, VCC=4.0V)
• Wide operating supply voltage range: Single 3.5 to 5.5V
• Auto-refresh/self-refresh changeable
• Package:
    18-pin plastic QFJ (QFJ18-P-R290-1.27) (Product name: MSM6389CJS)




Similar Part No. - MSM6389C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6307 OKI-MSM6307 Datasheet
1Mb / 43P
D2B TRANSCEIVER LSI
MSM6307GS-VK OKI-MSM6307GS-VK Datasheet
1Mb / 43P
D2B TRANSCEIVER LSI
MSM6307RS OKI-MSM6307RS Datasheet
1Mb / 43P
D2B TRANSCEIVER LSI
MSM6309 OKI-MSM6309 Datasheet
966Kb / 24P
SOLID STATE RECORDING LSI(FOR 256K-bit SRAM)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results


Similar Description - MSM6389C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63V89C OKI-MSM63V89C Datasheet
141Kb / 11P
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
4,194,304-word x 1-bit Serial Register
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
8,388,608-Word x 1-Bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
4,194,304-word x 1-bit Serial Register
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
5-Bit x 64-word FIFO register; 3-state
September 1993
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
logo
OKI electronic componet...
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
262,144-Word x 1-Bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
524,288-Word x 1-Bit Serial Register
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com