Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C44 Datasheet (PDF) - Zilog, Inc.

Z86C44 Datasheet PDF - Zilog, Inc.
Part # Z86C44
Download  Z86C44 Download
File Size   1091.33 Kbytes
Page   70 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY

Z86C44 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86C44 Datasheet PDF - Zilog, Inc.

Part # Z86C44
Download  Z86C44 Click to download

File Size   1091.33 Kbytes
Page   70 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY

Z86C44 Datasheet (HTML) - Zilog, Inc.


Z86C44 Product details

GENERAL DESCRIPTION
ZiLOG’s Z8® MCU single-chip family now includes the Z86C34/C35/C36/C44/C45/C46 product line, featuring enhanced wake-up circuitry, programmable Watch-Dog Timers (WDT), and low-noise/EMI options. Each of the new enhancements to the Z8 offer a more efficient, cost-effective design and provide the user with increased design flexibility over the standard Z8 microcontroller core. The low-power consumption CMOS microcontroller offers fast execution, efficient use of memory, sophisticated interrupts, input/output bit manipulation capabilities, and easy hardware/software system expansion.
   
FEATURES   
• 28-Pin DIP, 28-Pin SOIC and PLCC Packages (C34,
    C35, C36)
• 40-Pin DIP, 44-Pin PLCC and QFP Packages (C44,
    C45, C46)
• 3.0- to 5.5-Volt Operating Range
• Clock Free Watch-Dog Timer (WDT) Reset
• Operating Temperature Ranges:
    Standard: 0 °C to 70 °C
    Extended: –40 °C to +105 °C
• Expanded Register File (ERF)
• Full-Duplex UART (ASCI)
• Dedicated 16-Bit Baud Rate Generator
• 32 Input/Output Lines (C44/C45/C46)
    24 Input/Output Lines (C34/C35/C36)
• Vectored, Prioritized Interrupts with Programmable Polarity
• Two Analog Comparators
• Two Programmable 8-Bit Counter/Timers, Each with
    Two 6-Bit Programmable Prescaler
• Watch-Dog Timer (WDT)/Power-On Reset (POR)
• On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator,
    LC, RC, or External Clock
• RAM and ROM Protect
• Optional 32-kHz Oscillator
   




Similar Part No. - Z86C44

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C40 ZILOG-Z86C40 Datasheet
128Kb / 17P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C40 ZILOG-Z86C40 Datasheet
1Mb / 348P
General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C4016PSG ZILOG-Z86C4016PSG Datasheet
1Mb / 348P
Z86E3016PSG
Z86C43 ZILOG-Z86C43 Datasheet
114Kb / 16P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
More results


Similar Description - Z86C44

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
Z8 Low Voltage ROM MCUs with Infrared Timers
logo
STMicroelectronics
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
Low cost effective oscillator for STR71x MCUs
02-Apr-2007
logo
TE Connectivity Ltd
20EHQ1 TEC-20EHQ1 Datasheet
312Kb / 2P
Size and cost effective design
logo
List of Unclassifed Man...
Q22 ETC2-Q22 Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q48 ETC2-Q48 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com