Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C43 Datasheet (PDF) - Zilog, Inc.

Z86C43 Datasheet PDF - Zilog, Inc.
Part # Z86C43
Download  Z86C43 Download
File Size   114.46 Kbytes
Page   16 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 CONSUMER CONTROLLER PROCESSOR

Z86C43 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86C43 Datasheet PDF - Zilog, Inc.

Part # Z86C43
Download  Z86C43 Click to download

File Size   114.46 Kbytes
Page   16 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 CONSUMER CONTROLLER PROCESSOR

Z86C43 Datasheet (HTML) - Zilog, Inc.


Z86C43 Product details

GENERAL DESCRIPTION
The Z86C33/C43 Consumer Controller Processor (CCP™) is a member of Zilogs Z8® single-chip microcontroller family with enhanced wake-up circuitry, programmable Watch-Dog Timers (WDT), and low-noise/EMI options. These enhancements result in a more efficient, cost effective design and provide the user with increased design flexibility over the standard Z8 microcontroller core. This low-power consumption CMOS microcontroller offers fast execution, efficient use of memory, sophisticated interrupts, input/output bit manipulation capabilities, and easy hardware/software system expansion.

FEATURES
             ROM    RAM*    Speed
Part        (KB)  (Bytes)   (MHz)
Z86C33    4      237    12, 16
Z86C43    4      236    12, 16
* General-Purpose
■ 40-Pin DIP, 44-Pin PLCC and QFP Packages (C43) 28-Pin DIP, 28-Pin SOIC (C33)
■ 3.0- to 5.5-Volt Operating Range
■ Low-Power Consumption
■ –40°C to +105°C Operating Range
■ Expanded Register File (ERF)
■ 32 Input/Output Lines (C43)
  24 Input/Output Lines (C33)
■ Vectored, Prioritized Interrupts with Programmable Polarity
■ Two Analog Comparators
■ Two Programmable 8-Bit Counter/Timers, Each with Two 6-Bit Programmable Prescaler
■ Watch-Dog Timer (WDT)/Power-On Reset (POR)
■ On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator, LC, RC, or External Clock
■ RAM and ROM Protect




Similar Part No. - Z86C43

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C40 ZILOG-Z86C40 Datasheet
128Kb / 17P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C40 ZILOG-Z86C40 Datasheet
1Mb / 348P
General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C4016PSG ZILOG-Z86C4016PSG Datasheet
1Mb / 348P
Z86E3016PSG
Z86C44 ZILOG-Z86C44 Datasheet
1Mb / 70P
CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
Z86C45 ZILOG-Z86C45 Datasheet
1Mb / 70P
CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
More results


Similar Description - Z86C43

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86116 ZILOG-Z86116 Datasheet
60Kb / 9P
CMOS Z8 PN MODULATOR WIRELESS CONTROLLER
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
CMOS Z8-R MCU Consumer Controller Processor
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
CMOS Z8 8-Bit OTP Keyboad Controller
Z87C33 ZILOG-Z87C33 Datasheet
862Kb / 72P
CMOS Z8짰 MCU Consumer Controller Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com