Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6775 Datasheet (PDF) - OKI electronic componets

MSM6775 Datasheet PDF - OKI electronic componets
Part # MSM6775
Download  MSM6775 Download
File Size   113.8 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT

MSM6775 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6775 Datasheet PDF - OKI electronic componets

Part # MSM6775
Download  MSM6775 Click to download

File Size   113.8 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT

MSM6775 Datasheet (HTML) - OKI electronic componets


MSM6775 Product details

GENERAL DESCRIPTION

The MSM6775 is an LCD driver for dynamic display providing 3-duty-switchable pins (1/3, 1/4 and 1/5 duty). It can directly drive LCDs of up to 400, 320 and 240 segments when 1/5, 1/4 and 1/3 duty are selected, respectively.



FEATURES

• Operating range

   Supply voltage (VDD) : 2.7 to 5.5V

   Operating temperature (Top) : –40 to +85°C

   LCD driving voltage (VDD-VLC3) : 3.5 to 5.5V

• Segment output : 80 pins

   1/5 duty : Up to 400 segments can be displayed.

   1/4 duty : Up to 320 segments can be displayed.

   1/3 duty : Up to 240 segments can be displayed.

• Serial transfer clock frequency : 4MHz

• Serial interface with CPU : Through three input pins (DATA, LOAD, and CLOCK)

• One-to-one corresponcence between input data and its output

   When input data is at "H" level : Display goes on.

   When input data is at "L" level : Display goes off.

• Built-in oscillator circuit for COMMON signals

• The entire display can be turned off. (BLANK pin)

• Package:

   100-pin plastic TQFP (TQFP100-P-1414-0.50-K) (Product name : MSM6775TS-K)



 




Similar Part No. - MSM6775

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6778 OKI-MSM6778 Datasheet
62Kb / 7P
120-DOT COMMON DRIVER (TAB)
MSM6778B OKI-MSM6778B Datasheet
90Kb / 8P
120-DOT COMMON DRIVER (TAB)
MSM6779 OKI-MSM6779 Datasheet
80Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
MSM6779B OKI-MSM6779B Datasheet
102Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
More results


Similar Description - MSM6775

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6786 OKI-MSM6786 Datasheet
192Kb / 17P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6660-01 OKI-MSM6660-01 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
logo
List of Unclassifed Man...
ML9471 ETC2-ML9471 Datasheet
558Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
ML9473 ETC2-ML9473 Datasheet
407Kb / 20P
1/3, 1/4, 1/5 Duty 60 Output LCD Driver
logo
LAPIS Semiconductor Co....
ML9471 LAPIS-ML9471 Datasheet
412Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com