Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6786 Datasheet (PDF) - OKI electronic componets

MSM6786 Datasheet PDF - OKI electronic componets
Part # MSM6786
Download  MSM6786 Download
File Size   192.0 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER

MSM6786 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6786 Datasheet PDF - OKI electronic componets

Part # MSM6786
Download  MSM6786 Click to download

File Size   192.0 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER

MSM6786 Datasheet (HTML) - OKI electronic componets


MSM6786 Product details

GENERAL DESCRIPTION
The MSM6786 is a dynamic display LCD driver and can be switched to 1/3 or 1/4 duty. It can dis-play up to 116 segments with 1/4 duty and up to 87 segments with 1/3 duty. It can also drive one LED directly. The built-in 5·6 key circuit allows input through a keyboard, and minimizes the number of wires between the front panel and CPU.

FEATURES
• Power suppy voltage : 5V±10%
• Operating temperature : –40 to +85°C
• 29-output segment driver
    1/4 duty dynamic drive : Up to 116 segments can be displayed
    1/3 duty dynamic drive : Up to 87 segments can be displayed
• One LED can be driven directly (IO=–15mA max)
• Built-in 5·6 key scan circuit allows reading of the operation status of up to 30 switches.
• Interface with CPU is implemented by LOAD, DATA I/O and CLOCK in serial method.
• Built-in RC oscillator for LCD AC drive
• Built-in voltage dividing resistor for bias voltage generation
• Package:
    56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name : MSM6786GS-2K)




Similar Part No. - MSM6786

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
REAL TIME CLOCK
MSM6789 OKI-MSM6789 Datasheet
813Kb / 53P
SBC Solid-State Recorder IC
MSM6789A OKI-MSM6789A Datasheet
813Kb / 53P
SBC Solid-State Recorder IC
MSM6789L OKI-MSM6789L Datasheet
813Kb / 53P
SBC Solid-State Recorder IC
More results


Similar Description - MSM6786

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6775 OKI-MSM6775 Datasheet
113Kb / 13P
1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6660-01 OKI-MSM6660-01 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com