Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6789A Datasheet (PDF) - OKI electronic componets

MSM6789A Datasheet PDF - OKI electronic componets
Part # MSM6789A
Download  MSM6789A Download
File Size   813.42 Kbytes
Page   53 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description SBC Solid-State Recorder IC

MSM6789A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6789A Datasheet PDF - OKI electronic componets

Part # MSM6789A
Download  MSM6789A Click to download

File Size   813.42 Kbytes
Page   53 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description SBC Solid-State Recorder IC

MSM6789A Datasheet (HTML) - OKI electronic componets


MSM6789A Product details

GENERAL DESCRIPTION

The MSM6789A/6789L, an improved version of MSM6788, is a solid-state recorder developed using the Sub Band Coding (SBC) method.

Just like MSM6788, the MSM6789A/6789L has a stand-alone mode and a microcontroller interface mode. In the stand-alone mode, record/playback conditions can be selected from pins and the MSM6789A/6789L can be controlled by a simple drive timing. In the microcontroller interface mode, record/playback can be controlled by commands from the microcontroller, and more functions are available than in the stand-alone mode.



FEATURES

• SBC method

• Built-in 12-bit AD converter

• Built-in 12-bit DA converter

• Built-in microphone amplifier

• Built-in low-pass filter

  Attenuation characteristics –40 dB/oct

• External memories

  MSM6789A (5 V version)

    General-purpose DRAM, 32 Mbits maximum (for variable messages)

      1-Mbit DRAM : Can be directly driven (MSM514256B, MSM511000B)

      4-Mbit DRAM : Can be directly driven (MSM514400C, MSM514100C)

      16-Mbit DRAM: Can be directly driven (MSM5117400A, MSM5116100A)

   ARAM, 32 Mbits maximum (for variable messages)

      Note :Use the first 64 Kbits with no failed bits for the ARAM.

   Serial register, 32 Mbits maximum (for variable messages)

      4-Mbit serial register : Can be directly driven (MSM6684B)

      8-Mbit serial register : Can be directly driven (MSM6685)

MSM6789L (3.3 V version)

  Serial register, 16 Mbits maximum (for variable messages)

      4-Mbit serial resister: Can be directly driven (MSM66V84B)

MSM6789A (5 V version) and MSM6789L (3.3 V version)

  Serial voice ROM, 4 Mbits maximum (for fixed messages)

      1-Mbit serial voice ROM : Can be directly driven (MSM6595A)

      2-Mbit serial voice ROM : Can be directly driven (MSM6596A)

      3-Mbit serial voice ROM : Can be directly driven (MSM6597A)

• Bit rate

  10.0, 12.6, 16.0 kbps (at 8 kHz sampling freq.)

  7.5, 9.5, 12.0 kbps (at 6 kHz sampling freq.)

• Maximum recording time (when one 8-Mbit serial register is connected)

  13.8 minutes (for 10.0 kbps SBC) 18.4 minutes (for 7.5 kbps SBC)

  11.0 minutes (for 12.6 kbps SBC) 14.6 minutes (for 9.5 kbps SBC)

  8.6 minutes (for 16.0 kbps SBC) 11.5 minutes (for 12.0 kbps SBC)

• Number of phrases

  63 phrases for variable messages

  63 phrases for fixed messages

• Standard linear PCM playback or OKI nonlinear PCM playback can be selected.

• Voice triggered starting function (voice detect level can be set)

• Unvoiced-part elimination function (voice detect level can be set)

• Pausing function

• Master clock frequency: 6.0 MHz to 8.192 MHz

• Power supply voltage:

  MSM6789A : Single 5 V power supply

  MSM6789L : Single 3.3 V power supply

• Package options:

  MSM6789A : 100-pin plastic QFP (QFP100-P-1420-BK) (Product name: MSM6789AGS-BK)

  MSM6789L : 100-pin plastic QFP (QFP100-P-1420-BK) (Product name: MSM6789LGS-BK)




Similar Part No. - MSM6789A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
REAL TIME CLOCK
MSM6786 OKI-MSM6786 Datasheet
192Kb / 17P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
More results


Similar Description - MSM6789A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6389C OKI-MSM6389C Datasheet
141Kb / 12P
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
MSM63V89C OKI-MSM63V89C Datasheet
141Kb / 11P
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
MSM6688 OKI-MSM6688 Datasheet
1,002Kb / 159P
ADPCM Solid-State Recorder IC
MSM6588 OKI-MSM6588 Datasheet
523Kb / 101P
ADPCM Solid-State Recorder (for Serial Registers)
logo
Panasonic Semiconductor
AN7338K PANASONIC-AN7338K Datasheet
798Kb / 10P
Preset IC for Portable Cassette Recorder
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
Audio Switch IC for DVD Recorder
logo
OKI electronic componet...
MSM6688 OKI-MSM6688_07 Datasheet
961Kb / 167P
ADPCM Solid-State Recorder IC
logo
Honeywell Accelerometer...
SS361RT HONEYWELL-ACC-SS361RT Datasheet
993Kb / 3P
SOLID STATE SENSOR, IC
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com