Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7544 Datasheet (PDF) - OKI electronic componets

MSM7544 Datasheet PDF - OKI electronic componets
Part # MSM7544
Download  MSM7544 Download
File Size   159.98 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7544 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7544 Datasheet PDF - OKI electronic componets

Part # MSM7544
Download  MSM7544 Click to download

File Size   159.98 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7544 Datasheet (HTML) - OKI electronic componets


MSM7544 Product details

GENERAL DESCRIPTION

The MSM7543 and MSM7544 are single-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.

Designed especially for a single-power supply and low-power applications, these devices are optimized for telephone terminals in digital wireless systems, ISDN terminals, and digital PBXs. The MSM7543 and MSM7544 use newly-designed operational amplifiers to keep small current deviations caused by power voltage fluctuations.

The devices use the same transmission clocks as those used in the MSM7508B and MSM7509B.

The analog output signal, which is of a differential type and can drive a 600 W load, can directly drive a handset receiver



FEATURES

• Single power supply: +5 V ±5%

• Low power consumption

   Operating mode: 20 mW Typ. 31.5 mW Max. VDD = 5 V

   Power save mode: 4.5 mW Typ. 8 mW Max. VDD = 5 V

   Power down mode: 1.5 mW Typ. 3 mW Max. VDD = 5 V

• ITU-T Companding law

   MSM7543: m-law

   MSM7544: A-law

• The transmission characteristics of the devices comply with ITU-T G.714

• Built-in PLL eliminates a master clock

• Serial data rate: 64/128/256/512/1024/2048 kHz

                       96/192/384/768/1536/1544 kHz

• Adjustable transmit gain

• Adjustable receive gain

• Built-in reference voltage supply

• Built-in analog loop back test mode

• Differential type analog output. Directly drives a 600 W line transformer

• Package options:

   20-pin plastic skinny DIP (DIP20-P-300-2.54-S1) (Product name : MSM7543RS)

                                                                  (Product name : MSM7544RS)

   24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM7543GS-K)

                                                         (Product name : MSM7544GS-K)

   26-pin plastic TSOP (TSOPII26/20-P-300-1.27-K) (Product name : MSM7543TS-K)

                                                                  (Product name : MSM7544TS-K)



 




Similar Part No. - MSM7544

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
Single Rail ADPCM CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
Single Rail ADPCM CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7542 OKI-MSM7542 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7545 OKI-MSM7545 Datasheet
110Kb / 8P
LSI
More results


Similar Description - MSM7544

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com