Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5306 Datasheet (PDF) - Micrel Semiconductor

MIC5306 Datasheet PDF - Micrel Semiconductor
Part # MIC5306
Download  MIC5306 Download
File Size   252.52 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Micropower Cap Baseband LDO

MIC5306 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5306 Datasheet PDF - Micrel Semiconductor

Part # MIC5306
Download  MIC5306 Click to download

File Size   252.52 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Micropower Cap Baseband LDO

MIC5306 Datasheet (HTML) - Micrel Semiconductor


MIC5306 Product details

General Description
The MIC5306 is a micropower, µCap low dropout regulator designed for optimal performance in a small space. It is capable of sourcing 150mA of output current and only draws 16µA of operating current. This high performance LDO offers fast transient response and good PSRR while consuming a minimum of current.

Features
• Input voltage range: 2.25V to 5.5V
• Ultra-low IQ: Only 16µA operating current
• Stable with ceramic output capacitor
• Low dropout voltage of 45mV @ 100mA
• High output accuracy
    - ±1.0% initial accuracy
    - ±2.0% over temperature
• Thermal Shutdown Protection
• Current Limit Protection

Applications
• Digital Logic Power Supply
• Stand-by power supply
• Cellular phones
• PDAs
• Portable electronics
• Notebook PCs




Similar Part No. - MIC5306

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5306-1.8YD5 MICREL-MIC5306-1.8YD5 Datasheet
274Kb / 8P
150mA Micropower 關Cap Baseband LDO
MIC5306-2.5YD5 MICREL-MIC5306-2.5YD5 Datasheet
274Kb / 8P
150mA Micropower 關Cap Baseband LDO
MIC5306-2.6YD5 MICREL-MIC5306-2.6YD5 Datasheet
274Kb / 8P
150mA Micropower 關Cap Baseband LDO
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
150mA Micropower 關Cap Baseband LDO
More results


Similar Description - MIC5306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
150mA MicroPower??LDO with PowerOK
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307 Datasheet
295Kb / 8P
300mA Micropower uCap Baseband LDO
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
150mA MicroPower??LDO with PowerOK
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
150mA Micropower 關Cap Baseband LDO
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
300mA Micropower 關Cap Baseband LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
Micropower 150mA Low-Noise LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com