Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7650 Datasheet (PDF) - OKI electronic componets

MSM7650 Datasheet PDF - OKI electronic componets
Part # MSM7650
Download  MSM7650 Download
File Size   278.3 Kbytes
Page   34 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Encoder

MSM7650 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7650 Datasheet PDF - OKI electronic componets

Part # MSM7650
Download  MSM7650 Click to download

File Size   278.3 Kbytes
Page   34 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Encoder

MSM7650 Datasheet (HTML) - OKI electronic componets


MSM7650 Product details

GENERAL DESCRIPTION
The MSM7650 is a digital NTSC/PAL encoder. By inputting digital image data conforming to CCIR Rep624-4, it outputs analog composite video signals and analog S video signals. For the scanning system, interlaced or noninterlaced mode can be selected.
Since the MSM7650 is provided with pins dedicated to overlay function, text and graphics can be superimposed on a video signal.

FEATURES
• Video signal system: NTSC/PAL
• Scanning system: interlaced/noninterlaced
• Input digital level: conforms to ITU-601 (CCIR601)
• Input-output timing: conforms to CCIR Rep 624-4
• Input signal (sampling ratio) Y:Cb:Cr (4:2:2/4:1:1)
• Supported sampling rates
    • NTSC 4Fsc (14.32 MHz)
    • NTSC ITU-R601 (13.5 MHz)
    • NTSC Square Pixel (12.27 MHz)
    • PAL ITU-R601 (13.5 MHz)
    • PAL Square Pixel (14.75 MHz)
• Internal SSG circuit (internally generates sync signals)
• Operation by external synchronization possible
• Internal 3ch 9-bit DAC (samples by double frequency)
• 3-bit title graphics can be displayed
• I2C-bus host interface function
• Package
    80-pin plastic QFP (QFP80-P-1420-0.80-BK) (Product name: MSM7650GS-BK)

APPLICATIONS
• Video game equipment
• CD-ROM
• Electronic still camera
• Video graphics board
• Video printer
• Videophone
• Video camera
• Video conference system
• Scanner
• Multimedia equipment
• Image file system
• Digital VTR




Similar Part No. - MSM7650

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7653 OKI-MSM7653 Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7653GS-2K OKI-MSM7653GS-2K Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
MSM7654GA OKI-MSM7654GA Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
More results


Similar Description - MSM7650

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
DIGITAL NTSC/PAL ENCODER
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
DIGITAL NTSC/PAL ENCODER
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
NTSC / PAL digital RGB encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
Digital NTSC/PAL Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com