Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7654GA Datasheet (PDF) - OKI electronic componets

MSM7654GA Datasheet PDF - OKI electronic componets
Part # MSM7654GA
Download  MSM7654GA Download
File Size   388.57 Kbytes
Page   53 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Video Encoder

MSM7654GA Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7654GA Datasheet PDF - OKI electronic componets

Part # MSM7654GA
Download  MSM7654GA Click to download

File Size   388.57 Kbytes
Page   53 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Video Encoder

MSM7654GA Datasheet (HTML) - OKI electronic componets


MSM7654GA Product details

GENERAL DESCRIPTION

The MSM7654, which is a digital video encoder supporting NTSC/PAL formats, converts digital image data to an analog video signal. The encoder can receive the digital image or RGB digital image signals conforming to ITU-R BT.601 as an input signal. The encoder can output simultaneously the composite video and S-video signals, and it can also output the RGB analog signal by switching. The encoder can control luminance (Y) signal output levels of the composite video and S-video signals.



FEATURES

• Video signal system: NTSC/PAL

• Scanning system: interlaced/noninterlaced (NTSC : 262 lines/PAL : 312 lines)

• Input digital level: conforms to ITU-R BT.601 (CCIR601)

• Input-output timing: conforms to ITU-R BT.656 or ITU-R BT.624-4

• Input signal sampling ratio : Y:Cb:Cr = 4:2:2 or 4:1:1/R:G:B = 8:8:8

• Supported input interface

· ITU-R BT.656

· YCbCr format (8-bit input)

· ITU-R BT.601 (8-bit (Y) + 8-bit (CbCr) input)

· RGB (24-bit input)

• Pixel frequency (Sampling frequency) :

· 12.272727 MHz (24.545454 MHz) : NTSC Square Pixel

· 13.5 MHz (27 MHz) : NTSC/PAL ITU-R BT.601

· 14.318182 MHz (28.636364 MHz) : NTSC 4Fsc

· 14.75 MHz (29.5 MHz) : PAL Square Pixel

• Output format

· Selectable composite & S-video or RGB

· 37.5 W driving capability

• Master or slave operation (slave operation only in ITU-R BT.656 mode)

• Internal 3ch 10-bit DAC

• 3-bit title/graphics can be displayed (only for composite and S-video signals)

• Color bar function

• I2C-bus host interface function

• Brightness level adjust of 100% to 68.75% (only for composite and S-video signals)

• GENLOCK control

• 3.3 V single power supply (each I/O pin is 5 V tolerable)

• Package

  64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name: MSM7654GA)



APPLICATIONS

• Video CD

• Video game equipment

• Electronic still cameras

• Video filing systems

• Video cameras

• Videophones

• Multimedia equipment

• Video printers

• Videoconferencing systems

• Scanners

• Video graphics boards

• Monitoring systems




Similar Part No. - MSM7654GA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
NTSC/PAL Digital Encoder
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7653 OKI-MSM7653 Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7653GS-2K OKI-MSM7653GS-2K Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
More results


Similar Description - MSM7654GA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8815 AKM-AK8815 Datasheet
346Kb / 37P
NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954_06 Datasheet
1Mb / 60P
NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311C MITEL-VP5311C Datasheet
144Kb / 16P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com