Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7653 Datasheet (PDF) - OKI electronic componets

MSM7653 Datasheet PDF - OKI electronic componets
Part # MSM7653
Download  MSM7653 Download
File Size   254.87 Kbytes
Page   36 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Video Encoder

MSM7653 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7653 Datasheet PDF - OKI electronic componets

Part # MSM7653
Download  MSM7653 Click to download

File Size   254.87 Kbytes
Page   36 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Video Encoder

MSM7653 Datasheet (HTML) - OKI electronic componets


MSM7653 Product details

GENERAL DESCRIPTION
The MSM7653 is a digital NTSC/PAL encoder. By inputting digital image data conforming to ITU Rec. 656 or ITURBT 601, it outputs selected analog composite video signals, analog S video signals. For the scanning system, interlaced or noninterlaced mode can be selected.

FEATURES
• Video signal system: NTSC/PAL
• Scanning system: interlaced/noninterlaced (NTSC : 262 lines/PAL : 312 lines)
• Input digital level: conforms to ITU-R601 (CCIR601)
• Input-output timing: conforms to ITU Rec. 656 or ITURBT 624-4
• Input signal sampling ratio : Y:Cb:Cr = 4:2:2
• Supported input formats
    • ITU Rec. 656
    • YCbCr 27 MHz format (8-bit input)
    • ITU-R601 13.5 MHz (8-bit (Y) + 8-bit (CbCr) input)
• Sampling frequency : 27 MHz
• Internal SSG circuit (Can operate as a master in other operation modes than CCIR Rec. 656 mode)
• Internal 3ch 10-bit DAC
• 3-bit title graphics can be displayed
• Color bar function
• I2C-bus host interface function
• 3.3 V single power supply (each I/O pin is 5 V tolerable)
• Closed caption function
• Macrovision Rev. 7.01
• Package
    56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name: MSM7653GS-2K)

APPLICATIONS
• Set top box
• DVD
• Digital VTR




Similar Part No. - MSM7653

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
NTSC/PAL Digital Encoder
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
MSM7654GA OKI-MSM7654GA Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
More results


Similar Description - MSM7653

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954_06 Datasheet
1Mb / 60P
NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311C MITEL-VP5311C Datasheet
144Kb / 16P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com