Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM11N65CTF Datasheet (PDF) - PFC Device Inc.

PSM11N65CTF Datasheet PDF - PFC Device Inc.
Part # PSM11N65CTF
Download  PSM11N65CTF Download
File Size   1093.16 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 11A 650V Single N-Channel Power MOSFET

PSM11N65CTF Datasheet (PDF)

Go To PDF Page Download Datasheet
PSM11N65CTF Datasheet PDF - PFC Device Inc.

Part # PSM11N65CTF
Download  PSM11N65CTF Click to download

File Size   1093.16 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 11A 650V Single N-Channel Power MOSFET

PSM11N65CTF Datasheet (HTML) - PFC Device Inc.




Similar Part No. - PSM11N65CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PSM11N65CT PFC-PSM11N65CT Datasheet
763Kb / 10P
11A 650V Single N?륝hannel Power MOSFET
More results


Similar Description - PSM11N65CTF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N50 UTC-11N50_11 Datasheet
185Kb / 6P
11A, 500V N-CHANNEL POWER MOSFET
11N80 UTC-11N80 Datasheet
165Kb / 4P
11A, 812V N-CHANNEL POWER MOSFET
logo
PFC Device Inc.
PSM7N65CTF PFC-PSM7N65CTF Datasheet
1Mb / 10P
7.3A 650V Single N-Channel Power MOSFET
PSM11N60CT PFC-PSM11N60CT Datasheet
1Mb / 9P
11A 600V Single N-Channel Power MOSFET
PSM11N60CTF PFC-PSM11N60CTF Datasheet
1Mb / 9P
11A 600V Single N-Channel Power MOSFET
PSM11N65CT PFC-PSM11N65CT Datasheet
763Kb / 10P
11A 650V Single N?륝hannel Power MOSFET
PSM20N65CTB PFC-PSM20N65CTB Datasheet
1,015Kb / 10P
20A 650V Single N-Channel Power MOSFET
PSM20N65CTF PFC-PSM20N65CTF Datasheet
991Kb / 10P
20A 650V Single N-Channel Power MOSFET
logo
Rohm
R6511END3 ROHM-R6511END3 Datasheet
2Mb / 14P
Nch 650V 11A Power MOSFET
R6511KND3 ROHM-R6511KND3 Datasheet
2Mb / 14P
Nch 650V 11A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com