Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11N80 Datasheet (PDF) - Unisonic Technologies

11N80 Datasheet PDF - Unisonic Technologies
Part # 11N80
Download  11N80 Download
File Size   165.26 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 11A, 812V N-CHANNEL POWER MOSFET

11N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
11N80 Datasheet PDF - Unisonic Technologies

Part # 11N80
Download  11N80 Click to download

File Size   165.26 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 11A, 812V N-CHANNEL POWER MOSFET

11N80 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 11N80

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
11N80C3 INFINEON-11N80C3 Datasheet
677Kb / 13P
Cool MOS??Power Transistor
Rev. 2.4 2005-08-24
More results


Similar Description - 11N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N50 UTC-11N50_11 Datasheet
185Kb / 6P
11A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
600V,11A N-Channel MOSFET
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
600V, 11A N-Channel UltraMOS??Power MOSFET
logo
PFC Device Inc.
PSM11N60CT PFC-PSM11N60CT Datasheet
1Mb / 9P
11A 600V Single N-Channel Power MOSFET
PSM11N60CTF PFC-PSM11N60CTF Datasheet
1Mb / 9P
11A 600V Single N-Channel Power MOSFET
PSM11N65CTF PFC-PSM11N65CTF Datasheet
1Mb / 10P
11A 650V Single N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNMD2180 WILLSEMI-WNMD2180 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 11A, Power MOSFET
logo
KIA Semiconductor Techn...
6035A KIA-6035A Datasheet
257Kb / 5P
11A, 350V N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com