Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-4 Datasheet (PDF) - Eaton All Rights Reserved.

SC-4 Datasheet PDF - Eaton All Rights Reserved.
Part # SC-4
Download  SC-4 Download
File Size   401.1 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses

SC-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-4 Datasheet PDF - Eaton All Rights Reserved.

Part # SC-4
Download  SC-4 Click to download

File Size   401.1 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses

SC-4 Datasheet (HTML) - Eaton All Rights Reserved.




Similar Part No. - SC-4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-4 COOPER-SC-4 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
List of Unclassifed Man...
SC-4-0 ETC-SC-4-0 Datasheet
3Mb / 50P
Standard electromagnetic contactor, switch
SC-4-1 ETC-SC-4-1 Datasheet
3Mb / 50P
Standard electromagnetic contactor, switch
logo
Cooper Bussmann, Inc.
SC-40 COOPER-SC-40 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
SC-45 COOPER-SC-45 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
More results


Similar Description - SC-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLC LITTELFUSE-SLC Datasheet
457Kb / 2P
SLC Class G Fuses
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
SC-15 COOPER-SC-15 Datasheet
208Kb / 3P
SC - 600Vac/480Vac, 1.2-60A Size Rejecting Fuses
SC-1 COOPER-SC-1 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Littelfuse
SLC LITTELFUSE-SLC_17 Datasheet
277Kb / 1P
SLC CLASS G FUSES
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Littelfuse
SLC LITTELFUSE-SLC_V01 Datasheet
479Kb / 1P
SLC CLASS G FUSES
Rev: 2-B-042219
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com