Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V65AFPI-10E Datasheet (PDF) - Renesas Technology Corp

HN58V65AFPI-10E Datasheet PDF - Renesas Technology Corp
Part # HN58V65AFPI-10E
Download  HN58V65AFPI-10E Download
File Size   225.57 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version

HN58V65AFPI-10E Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58V65AFPI-10E Datasheet PDF - Renesas Technology Corp

Part # HN58V65AFPI-10E
Download  HN58V65AFPI-10E Click to download

File Size   225.57 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version

HN58V65AFPI-10E Datasheet (HTML) - Renesas Technology Corp


HN58V65AFPI-10E Product details

Description

Renesas Technology’s HN58V65A series and HN58V66A series are electrically erasable and programmable EEPROM’s organized as 8192-word × 8-bit. They have realized high speed, low power consumption and high reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology. They also have a 64-byte page programming function to make their write operations faster.



Features

• Single supply: 2.7 to 5.5 V

• Access time:

- 100 ns (max) at 2.7 V ≤ VCC < 4.5 V

- 70 ns (max) at 4.5 V ≤ VCC ≤ 5.5 V

• Power dissipation:

- Active: 20 mW/MHz (typ)

- Standby: 110 µW (max)

• On-chip latches: address, data, CE, OE, WE

• Automatic byte write: 10 ms (max)

• Automatic page write (64 bytes): 10 ms (max)

• Ready/Busy

• Data polling and Toggle bit

• Data protection circuit on power on/off

• Conforms to JEDEC byte-wide standard

• Reliable CMOS with MNOS cell technology

• 105 erase/write cycles (in page mode)

• 10 years data retention

• Software data protection

• Write protection by RES pin (only the HN58V66A series)

• Operating temperature range:

- HN58V65AI/HN58V66AI Series: −40 to +85°C

- HN58V65A-SR/HN58V66A-SR Series: −20 to +85°C

• There are also lead free products.



 




Similar Part No. - HN58V65AFPI-10E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V65AFP-10 HITACHI-HN58V65AFP-10 Datasheet
127Kb / 27P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58V65AFP-10 RENESAS-HN58V65AFP-10 Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65AFP-10E RENESAS-HN58V65AFP-10E Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
More results


Similar Description - HN58V65AFPI-10E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com