Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-CCD1201G/883 Datasheet (PDF) - DATEL, Inc.

ADS-CCD1201G/883 Datasheet PDF - DATEL, Inc.
Part # ADS-CCD1201G/883
Download  ADS-CCD1201G/883 Download
File Size   279.09 Kbytes
Page   9 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description 12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications

ADS-CCD1201G/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-CCD1201G/883 Datasheet PDF - DATEL, Inc.

Part # ADS-CCD1201G/883
Download  ADS-CCD1201G/883 Click to download

File Size   279.09 Kbytes
Page   9 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description 12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications

ADS-CCD1201G/883 Datasheet (HTML) - DATEL, Inc.


ADS-CCD1201G/883 Product details

GENERAL DESCRIPTION
The functionally complete, easy-to-use ADS-CCD1201 is a 12-bit, 1.2MHz Sampling A/D Converter whose performance and production testing have been optimized for use in electronic imaging applications, particularly those employing charge coupled devices (CCD’s) as their photodetectors. The ADS-CCD1201 delivers the lowest noise (400µVrms) and the best differential nonlinearity error (±0.35LSB max.) of any commercially available 12-bit A/D in its speed class. It can respond to full scale input steps (from empty to full well) with less than a single count of error, and its input is immune to overvoltages that may occur due to blooming.

FEATURES
• Unipolar input range (0 to +10V)
• 1.2MHz sampling rate
• 4096-to-1 dynamic range (72.2dB)
• Low noise, 400µVrms (1/6 of an LSB)
• Outstanding differential nonlinearity error (±0.35 LSB max.)
• Small, 24-pin ceramic DDIP
• Low power, 1.7 Watts
• Operates from ±12V or ±15V supplies
• Edge-triggered, no pipeline delay




Similar Part No. - ADS-CCD1201G/883

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-CCD1201G-C DATEL-ADS-CCD1201G-C Datasheet
102Kb / 1P
Electronic Imaging
ADS-CCD1201G-C883 DATEL-ADS-CCD1201G-C883 Datasheet
102Kb / 1P
Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
Electronic Imaging
ADS-CCD1201GC DATEL-ADS-CCD1201GC Datasheet
101Kb / 1P
Electronic Imaging
ADS-CCD1201GC-C DATEL-ADS-CCD1201GC-C Datasheet
101Kb / 1P
Electronic Imaging
More results


Similar Description - ADS-CCD1201G/883

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
logo
C&D Technologies
ADS-CCD1201 CANDD-ADS-CCD1201 Datasheet
374Kb / 8P
12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
Sipex Corporation
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
12-bit Sampling A/D Converters
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Murata Power Solutions ...
ADS-CCD1201 MURATA-PS-ADS-CCD1201 Datasheet
138Kb / 8P
12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1202 MURATA-PS-ADS-CCD1202 Datasheet
309Kb / 8P
12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202 DATEL-ADS-CCD1202 Datasheet
316Kb / 9P
12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com